Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 44 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 44 Page - Rohm

Back Button ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm ML22Q533 Datasheet HTML 47Page - Rohm ML22Q533 Datasheet HTML 48Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Detects disconnection/short circuit of SAI_IN.
Set the "Detects disconnection/short circuit of SAI_IN" with the SAIINEN bit of the SAFE command.
When SAI_IN does not change for more than 1.8 seconds (min.), the error bit (SAIINERR) is set to "1".
Error bit (SAIINERR) can be read with RDERR command. Also,error bit (SAIINERR) can be cleared by ERRCL command.
When OUTEN is set to "1" and INEN is set to "0" by the SAICON command, the SAI_IN input is disabled. Therefore, set
SAIINEN to "0".
*1 Set SAIINEN = "1"
*2 Set SAIINEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
*4 Set INEN = "1"
 Mixing number error detection
When using the serial audio interface (SAI), the sampling frequency limits the maximum number of mixings and playable
channels. If the setting exceeds the limit, it will be detected as a mixing error.
Set the mixing error detection with the MIXEN bit of the SAFE command.
①
When FS3 to FS0 =12/24/48 kHz or 11.025/22.05/44.1kHz is set by the SAICON command, and either LEN or REN is
set to "1" by the SAICH command, specifying channel 3 and inputting the PLAY, PLAY2, START, or MUON command sets
the error bit (MIXERR) to "1". Also, the input command is ignored.
②
If FS3 to FS0=12/24/48kHz or 11.025/22.05/44.1kHz is set by the SAICON command, and if the Rch or Lch side
selects channel 3 (CH3) by the SAICH command and either LEN or REN is set to "1", the error bit (MIXERR) is set to "1".
Also, the entered SAICH command is ignored.
Error bit (MIXERR) can be read with RDERR command. Also, error bit (MIXERR) can be cleared by ERRCL command.
For mixing restriction when using serial audio interface (SAI), refer to “Restrictions when using Serial Audio Interface
(SAI)” in the chapter on mixing function.
Command
SAIINERR
Detects disconnection/short circuit of SAI_IN is operating
STATUSn pin
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
SAICON
*4
SAI_IN pin
Input normal
Input stop
Input normal
1.8 sec(min.)
RDERR
SAIINEN
44/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com