Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 40 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 40 Page - Rohm

Back Button ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 RST counter overflow detection
By using the RST counter overflow detection, it is possible to shift the LSI to the command standby state after power-up
after misoperation detection and failure detection occurs.
When the overflow detection of RST counter is set by RSTEN bit of SAFE command, the detection operation will start.
When the detection operation is started, the detection does not stop even if the RSTEN bit is set to "0".
The RST counter starts counting up after misoperation detection and failure detection occurs.
If the RST counter is cleared with the ERRCL command before it overflows, it stops until the next error occurs.
When the RST counter overflows, the error bit (RSTERR) is set to "1".
Error bit (RSTERR) can be read with RDERR command. Also, error bit (RSTERR) can be cleared by ERRCL command.
The count time of the RST-counter is 2s, the initial-value. The counting time can be set to 125ms, 500ms, 2s, or 4s.
Set the counting time and overflow operation (shift to the command standby state after power-up) with the dedicated tools
(Speech LSI Utility).
The operation when RSTEN is set to "1" is as follows.
*1 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
RSTEN
Set RSTEN = "1"
RST counter
Overflow
RSTERR
Command
SAFE
Count-up
0h
STATUSn pin
*1 n:1 or 2
Clears the RST-counter with ERRCL commands.
The RST counter stops operating.
Signal to shift command
standby state after power-up
ERRCL
0h
Error detection
RDERR
40/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com