Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 68 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 68 Page - Rohm

Back Button ML22Q533 Datasheet HTML 64Page - Rohm ML22Q533 Datasheet HTML 65Page - Rohm ML22Q533 Datasheet HTML 66Page - Rohm ML22Q533 Datasheet HTML 67Page - Rohm ML22Q533 Datasheet HTML 68Page - Rohm ML22Q533 Datasheet HTML 69Page - Rohm ML22Q533 Datasheet HTML 70Page - Rohm ML22Q533 Datasheet HTML 71Page - Rohm ML22Q533 Datasheet HTML 72Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Continuous playback timing by MUON command
After the PLAY command is input, the CBUSYB signal and NCR signal change to "H" level when the address management
of phrase 1 is completed and start playing back. Input the MUON command after the CBUSYB signal changed to "H" level.
After the MUON command is received, the LSI is in a state waiting for the end of playback of phrase 1 and the NCR signal
remains "L" level until the end of playback.
When the playback of phrase 1 ends, playback of the silence sound starts and the NCR signal changes to "H" level. After the
NCR signal of the corresponding channel changes to "H" level, send the PLAY command again to playback the phrase 1.
The NCR signal changes to "L" level again after the PLAY command is received and the LSI is in a state waiting for the end
of the playback of silence sound.
After ending the playback of silence sound and starting the playback of phrase 1, the NCR signal changes to "H" level and
LSI is in state that accepts the next PLAY or MUON command.
The BUSYB signal remains "L" level until the sequence of playback is completed.
When making continuous playbacks, input the MUON/PLAY/START command for the next phrases within 10ms (tcm)
after the NCR of the corresponding channel changes to "H" level.
When the playback is not continuous, input the MUON/PLAY/START command for the next phrases after confirming the
playback is completed by RDSTAT command, etc.
CSB
Status
Playing
SCK
SI
NCRn
BUSYBn
SPM
1/2SPVDD
SPP
1/2SPVDD
Address is being controlled
Awaiting command
PLAY command
2
nd byte
1
st byte
Silence is being inserted
tCB1
2
nd byte
Playing
Waiting for silence insertion to be finished
tcm
VOH
VOL
CBUSYB
(internal)
(internal)
1
st byte
2
nd byte
tcm
tCB2
tCB1
tCB1
tCB1
PLAY command
MUON command
68/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com