Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 46 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 46 Page - Rohm

Back Button ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm ML22Q533 Datasheet HTML 44Page - Rohm ML22Q533 Datasheet HTML 45Page - Rohm ML22Q533 Datasheet HTML 46Page - Rohm ML22Q533 Datasheet HTML 47Page - Rohm ML22Q533 Datasheet HTML 48Page - Rohm ML22Q533 Datasheet HTML 49Page - Rohm ML22Q533 Datasheet HTML 50Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● Flash memory rewrite function
The flash memory can be rewritten in the following two ways.
①
Rewrite using the clock synchronous serial interface of the MCU command interface
By using the CSB, SCK, SI and SO pins, which are clock synchronous serial interfaces of the MCU command interface
the flash memory can be rewritten. When the PUP command and FDIRECT command are entered with the IRON pin set to
"L", direct access to the flash memory is enabled from the CSB, SCK, SI and SO pins.
When returning to the normal mode, insert a reset to initialize (RESETB pin is “L” level.) or shut off the power.
For the PUP command, refer to the "PUP command" in the "Command" section. For the FDIRECT command, refer to the
"FDIRECT command" in the "Command" section.
②
Rewrite using flash memory interface
The flash memory can be rewritten using the IRON, IRCSB, IRSCK, IRSI and IRSO pins that is the flash memory interface.
When the PUP command and FDIRECT command are entered with the IRON pin set to "H", direct access to the flash
memory is enabled from the IRCSB, IRSCK, IRSI and IRSO pins.
When returning to the normal mode, insert a reset to initialize (RESETB pin is “L” level.) or shut off the power.
For the PUP command, refer to the "PUP command" in the "Command" section. For the FDIRECT command, refer to the
"FDIRECTcommand" in the "Command" section.
The Chip Erase, Status Read, Program and Read of the flash memory are described on the next page.
IRCSB
Status
IRSCK
IRSI
FDIRECT command
1
st byte
CBUSYB
tCB1
FDIRECT command
2
nd byte
tCB1
Flash memory access mode
tPUP
PUP command
IRON
Normal mode
Direct access to the flash memory
is enabled
CSB
Status
SCK
SI
FDIRECT command
1
st byte
CBUSYB
tCB1
FDIRECT command
2
nd byte
Flash memory access mode
tPUP
PUP command
IRON
“L”
Direct access to the flash memory
is enabled
tCB1
Normal mode
IRON
IRCSB
IRSCK
IRSI
IRSO
CSB
SCK
SI
SO
SOUND LSI
①CPU command
interface
②Flash・memory
interface
46/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com