Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 12 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 12 Page - Rohm

Back Button ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm ML22Q533 Datasheet HTML 10Page - Rohm ML22Q533 Datasheet HTML 11Page - Rohm ML22Q533 Datasheet HTML 12Page - Rohm ML22Q533 Datasheet HTML 13Page - Rohm ML22Q533 Datasheet HTML 14Page - Rohm ML22Q533 Datasheet HTML 15Page - Rohm ML22Q533 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
Parameter
Symbol
Condition
Applicable pin
Min.
Typ.
*1
Max.
Unit
During playback
Current
consumption
IDDO
fOSC=4.096MHz
Fs=48kHz, f=1kHz,
During HQADPCM
playback
SPP/SPM No output
load
—
—
—
55
*3
mA
Power-down
Current
consumption
IDDS
DVDD=
IOVDD=
SPVDD=
SPOVDD=
3.3V~5.5V
Ta=-40 to
+55°C
—
—
1
*3
10.0
*3
µA
Ta=-40 to
+105°C
—
—
1
*3
30.0
*3
µA
DVDD=
IOVDD=
SPVDD=
SPOVDD=
VDDR=
2.7V~3.6V
Ta=-40 to
+55°C
—
—
6
*2*3
20.0
*3
µA
Ta=-40 to
+105°C
—
—
6
*2*3
80.0
*3
µA
*1 Typ. : DVDD=SPVDD=SPOVDD=IOVDD=5.0V,DGND=SPGND=0V,Ta=25°C
*2 Typ. : DVDD=SPVDD=SPOVDD=IOVDD=3.0V,DGND=SPGND=0V,Ta=25°C
*3 Total values of the DVDD pin, SPVDD pin, SPOVDD pin, and IOVDD pin
12/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com