Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 36 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 36 Page - Rohm

Back Button ML22Q533 Datasheet HTML 32Page - Rohm ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 SPP pin and SPM pin short detection
Set the SPP pin and SPM pin short detection with the SPDEN bit of the SAFE command.
Detects short circuit between SPP pin and SPM pin, or SPP pin and GND (ground fault), or SPM pin and GND (ground
fault). Can be used when SPVDD ≥ 4.5V. Operation is started by analog power-up in the speaker amplifier output mode by
the AMODE command, and operation is terminated by power-down in the speaker amplifier output mode by the AMODE
command.
After inputting SAFE command, start the analog power-up operation by AMODE command within 10ms.
When a short-circuit is detected, the error bit (SPDERR) is set to "1". When using a class D amplifier with the DAMP bit of
AMODE command set to "1", if the PWM output is fixed to "H" level for 62.5
μs or longer, the error bit (SPDERR) is set to
"1". At the same time, the speaker amplifier output pin (SPP/SPM) is forcibly turned off. Read the error bit (SPDERR) with
the RDERR command, end playback, and perform analog power-down with the AMODE command. Then, use ERRCL
command to clear the error bit (SPDERR).
To restart playback, use the AMODE command to analog power-up the speaker amplifier output mode and enter the PLAY
command. However, if shorting to ground continues, the error bit (SPDERR) is set to "1" and the speaker amplifier output pin
(SPP/SPM) is forcibly turned off simultaneously.
Short detection prevents damage to LSI. However, the detection circuit is effective in preventing damage due to
unexpected accidents. It does not support continuous short operation or transient use.
*1 Set 1 SPDEN = "1"
*2 Analog power-up in speaker amplifier output mode
*3 Analog power-down in speaker amplifier output mode
*4 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Command
STATUSn
*4
(n:1 or 2)
SPP
SPM
Status
SPVDD
SPGND
SPVDD
SPGND
analog power-down
speaker power-down
analog power-up
speaker power-up
HiZ
SPP pin and SPM pin short detection
is operating
SPDERR
Short detection
PUP
SAFE
*1
AMODE
*2
ERRCL
AMODE
*3
AMODE
*2
RDERR
analog power-down
speaker power-down
analog power-up,speaker power-up
SPP pin and SPM pin short detection
is operating
HiZ
SPDEN
10ms
36/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com