Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 5 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 5 Page - Rohm

  ML22Q533 Datasheet HTML 1Page - Rohm ML22Q533 Datasheet HTML 2Page - Rohm ML22Q533 Datasheet HTML 3Page - Rohm ML22Q533 Datasheet HTML 4Page - Rohm ML22Q533 Datasheet HTML 5Page - Rohm ML22Q533 Datasheet HTML 6Page - Rohm ML22Q533 Datasheet HTML 7Page - Rohm ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
Pin
Symbol
I/O
Attribute
Description
Initial
value
*1
18
IOVDD
P
-
Flash memory interface power supply pin.
Connect to DVDD pin even when not using flash memory interface.
Connect a bypass capacitor between this pin and the DGND pin.
—
19
VDDR
O
-
3.0V regulator outputs. Used as a power supply for flash memory.
Connect a capacitor between this pin and DGND pin as close as
possible.
Connect this pin to the DVDD pin when DVDD = 2.7 to 3.6V.
L
20
SAD0
I
-
I
2C slave address select pin.
—
21
SAD1
I
-
I
2C slave address select pin.
—
22
SAD2
I
-
I
2C slave address select pin.
—
23
XTB
O
Negative
Crystal or ceramic resonator connection pin.
When an external clock is used, leave it open and capacitor is not
required when a crystal or ceramic resonator is connected.
When using a resonator, connect it as close as possible.
Leave it open when not in use.
H
24
XT
I
Positive
Crystal or ceramic resonator connection pin.
A feedback resistor of about
1MΩ is built in between the XT pin and
the XTB pin.
To use an external clock, input from this pin. Delete the capacitor
when a crystal or ceramic resonator is connected.
When using a resonator, connect it as close as possible.
Leave it open when not in use.
L
26
DVDD
P
-
Digital power supply pin.
Connect a bypass capacitor between this pin and the DGND pin.
—
27
VDDL
O
-
2.5V regulator output pin.
Used as internal power supply.
Connect a capacitor between this pin and DGND pin as close as
possible.
L
28
FB1
I
-
Analog input pin 1 for playback sound error detection.
L
29
FB2
I
-
Analog input pin 2 for playback sound error detection.
L
30
LOUT
O
-
This pin is used exclusively for line amplifier output.
L
31
SG
O
-
Reference voltage output pin for the built-in speaker amplifier.
Connect a capacitor between this pin and SPGND pin.
L
32
AIN
I
-
Speaker amplifier analog signal input pin.
Initially, input is disabled.
L
33
SPVDD
P
-
Power supply pin for speaker amplifier.
Connect a bypass capacitor between this pin and the SPGND pin.
—
34
SPOVDD
P
-
Power supply pin for the speaker amplifier output circuit.
Set it at the same potential as the SPVDD pin.
—
35
SPGND
G
-
Speaker amplifier ground pin.
—
36
SPOGND
G
-
Ground pin for the speaker amplifier output circuit.
Set it at the same potential as the SPGND pin.
—
39
SPP
O
-
Positive output pin of the speaker amplifier.
Line amplifier outputs are also available with AMODE command.
L
40
SPM
O
-
Negative output pin of the speaker amplifier.
Hi-Z
*1 Initial value at reset input and power-down. The pin whose IO is "I" indicates a fixed level from outside.
5/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com