Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 35 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 35 Page - Rohm

Back Button ML22Q533 Datasheet HTML 31Page - Rohm ML22Q533 Datasheet HTML 32Page - Rohm ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Speaker disconnection detection
Set the speaker disconnection detection with the DCDEN bit of the SAFE command.
The speaker connection status of the SPP and SPM pins is checked when the analog power-up is activated in speaker
amplifier output mode by AMODE command. When the disconnection of the speaker is detected, the error bit (DCDERR) is
set to "1".
Error bit (DCDERR) can be read with RDERR command. Also, error bit (DCDERR) can be cleared by ERRCL command.
*1 Set DCDEN = "1"
*2 Analog power-up in speaker amplifier output mode
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
 LSI temperature error detection
Set the LSI temperature error detection with the TSDEN bit of the SAFE command.
When the TSDEN bit is set to "1" by the SAFE command, LSI temperature error detection starts. When the TSDEN bit is set
to "0", LSI temperature error detection ends.
When the LSI becomes 130
OC or more, the error bit (TSDERR) becomes "1".
Error bit (TSDERR) can be read with RDERR command. Also, error bit (TSDERR) can be cleared by ERRCL command.
*1 Set TSDEN = "1"
*2 Set TSDEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Command
STATUSn
*3
(n:1 or 2)
SPP
SPM
Status
SPVDD
SPGND
SPVDD
SPGND
analog power-down
speaker power-down
analog power-up
speaker power-up
HiZ
Speaker disconnection detection
DCDERR
“H”: Disconnected
“L”: Not disconnected
“H”: Disconnected
“L”: Not disconnected
PUP
SAFE
*1
AMODE
*2
ERRCL
DCDEN
RDERR
Command
TSDERR
Error-temperature detection of LSI is operating
LSI temperature is over 130 degrees
STATUSn
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
TSDEN
RDERR
35/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com