Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 37 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 37 Page - Rohm

Back Button ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Flash memory error detection
Set the Flash memory error detection with the ROMEN bit of the SAFE command. It is possible to detect two kinds of
errors.
① Flash memory read data error
When an error is detected in the read data from the flash memory, the error bit (ROMERR) is set to "1". At the same time,
playback of the corresponding channel is stopped.
If the error bit (ROMERR) is set to "1" after the PUP command and before the PLAY command or START command starts
playback, this LSI may have error at the time of start. In such cases, initialize this LSI by moving the LSI to the power-down
mode by resetting the LSI by the RESETB pin or by using PDWN command.
② Access outside the flash memory address range
If the flash memory is accessed outside the flash memory address range, an error is detected and the error bit (ROMERR) is
set to "1".
At the same time, playback of the corresponding channel is stopped.
Error bit (ROMERR) can be read with RDERR command. Error bit (ROMERR) can be cleared by ERRCL command.
37/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com