Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 34 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 34 Page - Rohm

Back Button ML22Q533 Datasheet HTML 30Page - Rohm ML22Q533 Datasheet HTML 31Page - Rohm ML22Q533 Datasheet HTML 32Page - Rohm ML22Q533 Datasheet HTML 33Page - Rohm ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Command error detection
This LSI detects two command errors: phrase number error and command error. Use the WCMEN bit of the SAFE
command to set command error detection.
① Phrase number error.
Set the number of phrases (1024, 2048, 3072 or 4096) to use when creating sound data in the Speech LSI Utility. If you
specify a phrase that exceeds the number of phrases specified by the Speech LSI Utility with the PLAY2 or FADR2
command, an error in the command is detected and the error bit (WCMERR) is set to "1".
② Command error.
This LSI has a function to input various commands and data two-times to prevent malfunction due to noise at the serial
interface pin. The setting of the two-times input mode is made at power-up. Refer to the "PUP command" for the setting
method.
In the two-times input mode, the command data is input two-times in succession, and it is valid only when the input data
matches. If a mismatch occurs during the second data input after the first data input, an error in the command is detected and
the error bit (WCMERR) is set to "1", and the command entered is ignored.
Error bit (WCMERR) can be read with RDERR command. Also, error bit (WCMERR) can be cleared by ERRCL command.
*1 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Command
STATUSn
*1
(n:1 or 2)
WCMERR
Command
1st
Command
2nd
ERRCL command
1st
ERRCL command
2nd
34/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com