Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 28 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 28 Page - Rohm

Back Button ML22Q533 Datasheet HTML 24Page - Rohm ML22Q533 Datasheet HTML 25Page - Rohm ML22Q533 Datasheet HTML 26Page - Rohm ML22Q533 Datasheet HTML 27Page - Rohm ML22Q533 Datasheet HTML 28Page - Rohm ML22Q533 Datasheet HTML 29Page - Rohm ML22Q533 Datasheet HTML 30Page - Rohm ML22Q533 Datasheet HTML 31Page - Rohm ML22Q533 Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● Memory Allocation and Creating Sound Data
The flash memory is partitioned into four data areas: sound (i.e., phrase) control area, test area, sound area, and edit ROM
area.
The sound control area manages the sound data in the ROM. It contains data for controlling the start/stop addresses of sound
data for 4,096 phrases, use/non-use of the edit ROM function and so on.
The test area contains data for testing.
The sound area contains actual waveform data.
The edit ROM area contains data for effective use of sound data. For the details, refer to the section of "Edit ROM
Function".
The edit ROM area is not available if the edit ROM is not used.
The Sound data is created using a dedicated tool (Speech LSI Utility).
● Playback time and memory capacity
The playback time depends on the number of phrases, memory capacity, sampling frequency, and playback algorithm. The
relationship is shown below. However, this is the playback time when the edit ROM function is not used.
When the number of phrases is 1024, the sampling frequency is 16kHz, and the HQ-ADPCM algorithm is selected, the
playback time will be approximately 81 seconds.
Configuration of Flash Memory Data (4Mbit)
Edit ROM area
Depends on creation of sound
data.
Test area
0x00000
0x0007F
0x7FFFF
0x00080
Sound area
Sound control area (*)
(The number of phrases can be set
with the dedicated tools.)
0x0207F
0x02080
(*) When the number of phrases is set to 1024
The number of phrases can be set from 1024 to 4096 in 1024 units
using the dedicated tools.
1.024 × (Memory Capacity (kbit)-(0.0625 × Number of Phrases)-0.625)
Sampling frequency (kHz) × bit length
Playback Time =
(sec)
1.024 × (4096(kbit)- (0.0625×1024) - 0.625)
16 (kHz) × 3.2 (bit) (average)
Playback Time =
≒ 81 (sec)
28/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com