Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 73 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 73 Page - Rohm

Back Button ML22Q533 Datasheet HTML 69Page - Rohm ML22Q533 Datasheet HTML 70Page - Rohm ML22Q533 Datasheet HTML 71Page - Rohm ML22Q533 Datasheet HTML 72Page - Rohm ML22Q533 Datasheet HTML 73Page - Rohm ML22Q533 Datasheet HTML 74Page - Rohm ML22Q533 Datasheet HTML 75Page - Rohm ML22Q533 Datasheet HTML 76Page - Rohm ML22Q533 Datasheet HTML 77Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Setting timing of playback phrases by FADR2 command
 Playback start timing by PLAY2 command
When the first byte of the PLAY command is input, the 2nd byte waits for input after the command processing time (tCB1),
and when the 2nd byte is input, the 3rd byte waits for input after the command processing time (tCB1). When the third byte is
entered, the address data of the phrase to be played after the command processing time (tCB2) is read from the flash memory.
When the phrase address data is read, the specified phrase is played back, and when playback is completed, the BUSYB
signal of the playback channel becomes "H" level.
The NCR signal goes to the "L" level during playback preparation, and goes to the "H" level when playback preparation is
completed and playback starts. When the NCR signal of the playback channel becomes "H" level, the PLAY command of the
next phrase to be played can be accepted.
*1 The length of the "L" interval in the BUSYBn is (tCB2+ sound production time).
CSB
Status
Command is being processed
SCK
SI
NCRn
BUSYBn
Awaiting command
Awaiting command
FADR2 command
1
st byte
FADR2 command
3
rd byte
(internal)
(internal)
VOH
VOL
CBUSYB
Awaiting command
Command is being processed
FADR2 command
2
nd byte
Awaiting command
tCB1
tCB1
tCB1
Command is being processed
CSB
Status
Command is being processed
Playing
SCK
SI
NCRn
BUSYBn
Awaiting command
SPM
1/2VDD
SPP
1/2VDD
Address is being
controlled
Awaiting command
Awaiting command
*1
PLAY2 command
1
st byte
PLAY2 command
3
rd byte
(internal)
(internal)
VOH
VOL
CBUSYB
tCB1
Awaiting command
Command is being processed
PLAY2 command
2
nd byte
tCB2
tCB1
73/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com