Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 38 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 38 Page - Rohm

Back Button ML22Q533 Datasheet HTML 34Page - Rohm ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
 Watchdog timer overflow detection
A communication error between the HOST MCU and this LSI (disconnection or short-circuit of the MCU command
interface, etc.) can be detected.
Set the watchdog timer overflow detection with WDTEN bit of the SAFE command.
When the detection operation is started, the detection does not stop even if the WDTEN bit is set to "0".
After the detection operation starts, clear the WDT counter with the WDTCL command before the WDT counter
overflows.
When the WDT counter overflows (for the first time), the error bit (WDTERR) is set to "1".
Error bit (WDTERR) can be read with RDERR command. In addition, the error bit (WDTERR) can be cleared by the
ERRCL command after the WDTCL command.
The count time of the WDT counter is 2s the initial value. The counting time can be set to 125ms, 500ms, 2s, 4s. In addition,
it is possible to shift to the command wait state after power-up by the second overflow of the WDT counter.
The count time and the second overflow operation can be set with the dedicated tools (Speech LSI Utility).
*1 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Recommended Operation Flow of Watchdog Timer
WDTEN
Set WDTEN = "1"
Count-up
WDT counter
WDT overflow
WDTERR
RSTERR
0h
Command
SAFE
WDTCL
Count-up
0h
STATUSn pin
*1 n:1 or 2
Clears the WDT counter by WDTCL commands.
Status
Stop WDT
WDT operation
Signal to shift command
standby state after power-up
WDTCL
Count-up
0h
Count-up
WDTCL
38/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com