Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 39 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 39 Page - Rohm

Back Button ML22Q533 Datasheet HTML 35Page - Rohm ML22Q533 Datasheet HTML 36Page - Rohm ML22Q533 Datasheet HTML 37Page - Rohm ML22Q533 Datasheet HTML 38Page - Rohm ML22Q533 Datasheet HTML 39Page - Rohm ML22Q533 Datasheet HTML 40Page - Rohm ML22Q533 Datasheet HTML 41Page - Rohm ML22Q533 Datasheet HTML 42Page - Rohm ML22Q533 Datasheet HTML 43Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
The operation when no WDTCL command is entered is as follows.
< When "Transition to the command standby state after power-up" is selected by the second overflow of the WDT counter >
*1 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
*2 Even if transferring to the command standby state after power-up by the second overflow of the WDT counter, the
states of WDTERR bit and RSTERR bit remain. The state configured by OUTSTAT command also remains.
< When "Transition to the command standby state after power-up" is not selected by the second overflow of the WDT
counter >
*1 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
WDTEN
Set WDTEN = "1"
Count-up
WDT counter
WDT overflow
WDTERR
*2
RSTERR
*2
0h
Command
SAFE
WDTCL
Count-up
0h
Count-up
0h
STATUSn pin
*1 n:1 or 2
Change to RSTERR = "1" on the second overflow of
the WDT counter.
Shifts to the command standby state after power-up.
Change to WDTERR = "1"on the
first overflow of the WDT counter.
Status
Stop WDT
WDT operation
Stop WDT
Signal to shift command
standby state after power-up
WDTEN
Set WDTEN = "1"
Count-up
WDT counter
WDT overflow
WDTERR
RSTERR
0h
Command
SAFE
WDTCL
Count-up
0h
Count-up
STATUSn pin
*1 n:1 or 2
Change to RSTERR = "1" on the second overflow of the
WDT counter.
No shifting to command standby state after power-up
Change to WDTERR = "1"on the
first overflow of the WDT counter.
Status
Stop WDT
WDT operation
Signal to shift command
standby state after power-up
0h
Count-up
39/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com