Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 14 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 14 Page - Rohm

Back Button ML22Q533 Datasheet HTML 10Page - Rohm ML22Q533 Datasheet HTML 11Page - Rohm ML22Q533 Datasheet HTML 12Page - Rohm ML22Q533 Datasheet HTML 13Page - Rohm ML22Q533 Datasheet HTML 14Page - Rohm ML22Q533 Datasheet HTML 15Page - Rohm ML22Q533 Datasheet HTML 16Page - Rohm ML22Q533 Datasheet HTML 17Page - Rohm ML22Q533 Datasheet HTML 18Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● AC characteristic
SPVDD=SPOVDD
≥DV
DD=IOVDD=2.7 to 5.5V, DGND=SPGND=SPOGND=0V, Ta=-40 to +105°C, Load capacitance of output pin =15pF(Max.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Master clock duty cycle
fduty
—
40
50
60
%
RESETB input pulse width
tRST
—
10
—
—
μs
Reset noise rejection pulse width
tNRST
RESETB pin
—
—
0.1
μs
Command input interval time
tINTC
fOSC = 4.096MHz
After input the first command at
two-times command input mode
0
—
—
μs
Command input enable time
tcm
fOSC = 4.096MHz
During continuous playback
at SLOOP input
—
—
10
ms
At PUP command input
CBUSYB "L" level output time
tPUP
4.096MHz external clock input
—
—
8
ms
At AMODE command input
CBUSYB "L" level output time
tPUPA1
4.096MHz external clock input
POP="L"
AEN0="L"→"H"
AEN1 = "L"
AVOL = -4dB is selected
35
37
39
ms
At AMODE command input
CBUSYB "L" level output time
tPUPA2
4.096MHz external clock input
DAMP="L",POP="H"
AEN1="L"→"H"
(AEN0= "L": SPP-pin line amplifier output)
(AEN0= "H": LOUT pin line amplifier output)
72
74
76
ms
At AMODE command input
CBUSYB "L" level output time
tPUPA3
4.096MHz external clock input
DAMP="L",POP="L"
AEN1="L"→"H"
(AEN0= "L": SPP-pin line amplifier output)
(AEN0= "H": LOUT pin line amplifier output)
32
34
36
ms
At PDWN command input
CBUSYB "L" level output time
tPD
fOSC = 4.096MHz
—
—
10
μs
At AMODE command input
CBUSYB "L" level output time
tPDA1
4.096MHz external clock input
POP="L"
AEN1="L",AEN0="H"→"L"
106
108
110
ms
At AMODE command input
CBUSYB "L" level output time
tPDA2
4.096MHz external clock input
DAMP="L",POP="H"
AEN1="H"→"L"
(AEN0= "L": SPP-pin line amplifier output)
(AEN0= "H": LOUT pin line amplifier output)
143
145
147
ms
At AMODE command input
CBUSYB "L" level output time
tPDA3
4.096MHz external clock input
DAMP="L",POP= "L"
AEN1="H"→"L"
(AEN0= "L": SPP-pin line amplifier output)
(AEN0= "H": LOUT pin line amplifier output)
103
105
107
ms
CBUSYB "L" level output time 1
*1
tCB1
fOSC = 4.096MHz
—
—
10
μs
CBUSYB "L" level output time 2
*2
tCB2
fOSC = 4.096MHz
—
—
3
ms
CBUSYB "L" level output time 3
*3
tCB3
FAD="L" at fOSC = 4.096MHz
—
—
200
μs
FAD="H" at fOSC = 4.096MHz
—
—
10
ms
*1 Applies when inputting commands except the timings after PUP, PDWN, PLAY, or START command is input.
*2 Applies when inputting PLAY, START, MUON command.
*3 Applies when inputting STOP command.
14/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com