Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 11 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 11 Page - Rohm

Back Button ML22Q533 Datasheet HTML 7Page - Rohm ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm ML22Q533 Datasheet HTML 10Page - Rohm ML22Q533 Datasheet HTML 11Page - Rohm ML22Q533 Datasheet HTML 12Page - Rohm ML22Q533 Datasheet HTML 13Page - Rohm ML22Q533 Datasheet HTML 14Page - Rohm ML22Q533 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
● DC characteristics
SPVDD=SPOVDD
≥DV
DD=IOVDD=2.7 to 5.5V, DGND=SPGND=SPOGND=0V, Ta=-40 to +105°C, Load capacitance of output pin =15pF(Max.)
Parameter
Symbol
Condition
Applicable pin
Min.
Typ.
*1
Max.
Unit
"H" input voltage 1
VIH1
—
LRCLK/BCLK/SAI_IN/
CSB/SCK/SI/
SAD0/SAD1/SAD2/
SDA/SCL/
XT/RESETB/TEST0
0.8×DVDD
—
DVDD
V
"H" input voltage 2
VIH2
—
IRCSB/IRSCK/
IRSI/IRON
0.8×IOVDD
—
IOVDD
V
"L" input voltage 1
VIL1
—
LRCLK/BCLK/SAI_IN/
CSB/SCK/SI/
SAD0/SAD1/SAD2/
SDA/SCL/
XT/RESETB/TEST0
0
—
0.2×DVDD
V
"L" input voltage 2
VIL2
—
IRCSB/IRSCK/IRSI/
IRON
0
—
0.2×IOVDD
V
"H" output voltage 1
VOH1
IOH = -50µA
XTB
DVDD-0.4
—
—
V
"H" output voltage 2
VOH2
IOH = -1mA
SAI_OUT/
SO/
CBUSYB/STATUS1/
STATUS2
DVDD-0.4
—
—
V
"H" output voltage 3
VOH3
IOH = -1mA
IRSO
IOVDD-0.4
—
—
V
"L" output voltage 1
VOL1
IOL = 50µA
XTB
—
—
0.4
V
"L" output voltage 2
VOL2
IOL = 2mA
SAI_OUT/
SO/
CBUSYB/STATUS1/
STATUS2
—
—
0.4
V
"L" output voltage 3
VOL3
IOL = 2mA
IRSO
—
—
0.4
V
"L" output voltage 4
VOL4
IOL = 3mA
SDA/SCL
—
—
0.4
V
Output leakage
current 1
IOOH1
VOH=DVDD
(in high-impedance state)
SDA/SCL/
SO
—
—
10
µA
IOOL1
VOL=DGND
(in high-impedance state)
–10
—
—
µA
Output leakage
current 2
IOOH2
VOH=IOVDD
(in high-impedance state)
IRSO
—
—
10
µA
IOOL2
VOL=DGND
(in high-impedance state)
–10
—
—
µA
"H" input current 1
IIH1
VIH = DVDD
XT
0.8
5.0
20
µA
"H" input current 2
IIH2
VIH = DVDD
RESETB/
LRCLK/BCLK/SAI_IN/
CSB/SCK/SI/
SDA/SCL
—
—
10
µA
"H" input current 3
IIH3
VIH = DVDD
TEST0
20
500
1000
µA
"H" input current 4
IIH4
VIH = IOVDD
IRCSB/IRSCK/IRSI
—
—
10
µA
"H" input current 5
IIH5
VIH = IOVDD
IRON
20
500
1000
µA
"L" input current 1
IIL1
VIL = DGND
XT
–20
–5.0
–0.8
µA
"L" input current 2
IIL2
VIL = DGND
LRCLK/BCLK/SAI_IN/
CSB/SCK/SI/
SDA/SCL/
IRCSB/IRSCK/IRSI/
IRON/
TEST0
–10
—
—
µA
"L" input current 3
IIL3
VIL = DGND
RESETB
–400
–100
–2
µA
11/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com