Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML22Q533 Datasheet(PDF) 6 Page - Rohm

Part # ML22Q533
Description  4-Channel Mixin g Speec h Synthesis LSIs with Built-in Flash M emor y fo r Automotive
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q533 Datasheet(HTML) 6 Page - Rohm

Back Button ML22Q533 Datasheet HTML 2Page - Rohm ML22Q533 Datasheet HTML 3Page - Rohm ML22Q533 Datasheet HTML 4Page - Rohm ML22Q533 Datasheet HTML 5Page - Rohm ML22Q533 Datasheet HTML 6Page - Rohm ML22Q533 Datasheet HTML 7Page - Rohm ML22Q533 Datasheet HTML 8Page - Rohm ML22Q533 Datasheet HTML 9Page - Rohm ML22Q533 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 178 page
background image
FEDL22Q53X-02
ML22Q53X
Pin
Symbol
I/O
Attribute
Description
Initial
value
*1
43
RESETB
I
Negative
Reset input pin.
The LSI is initialized by the "L" level input. After a reset is input, all the
circuits stop operating and enter the power-down state.
At power-on, input an "L" level to this pin. After the power supply
voltage stabilizes, set this pin to an "H" level.
A pull-up resistor is internally connected to the LSI.
(
*2)
44
TEST0
I
Positive
Input pin for testing.
A pull-down resistor is internally connected to the LSI.
Fix to the DGND.
L
45
STATUS1
O
-
Status/error output pin 1.
Execute OUTSTAT command to select BUSYB
*3 and NCR*3 in each
channel, or errors.
The initial value is BUSYB
*3 of channel 0, and output data is "H" level.
H
46
STATUS2
O
-
Status/error output pin 2.
Execute OUTSTAT command to select BUSYB
*3 and NCR*3 in each
channel, or errors.
The initial value is BUSYB
*3 of channel 0, and output data is "H" level.
H
47
CBUSYB
O
Negative
Command processing status signal output pin.
An "L" level is output during command processing.
Be sure to input a command with this pin at an "H" level.
(
*2)
12,37,
38,41,
42,48
N.C.
-
-
Unused pin.
Leave open.
Hi-Z
*1 Initial value at reset input and power-down. The pin whose IO is "I" indicates a fixed level from outside.
*2 "L" at reset, "H" at power-down
*3 For NCR, BUSYB, refer to the description of "RDSTAT command".
■ Termination of Unused Pins
This section explains how to terminate unused pins.
Symbol
Recommended pin termination
SCL
Connect to the DVDD.
SDA
SAD0
Connect to the DGND.
SAD1
SAD2
LRCLK
Connect to the DGND.
BCLK
SAI_IN
CSB
Connect to the DVDD.
SCK
Connect to the DGND.
SI
IRON
Connect to the DGND.
XT
Leave open.
XTB
FB1
Connect to the SPGND.
FB2
AIN
Connect to the SPGND.
TEST0
Connect to the DGND.
N.C.
Leave open.
SAI_OUT
Leave open.
SO
LOUT
SPP
SPM
STATUS1
STATUS2
6/178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com