Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 58Page - STMicroelectronics ST10F280 Datasheet HTML 59Page - STMicroelectronics ST10F280 Datasheet HTML 60Page - STMicroelectronics ST10F280 Datasheet HTML 61Page - STMicroelectronics ST10F280 Datasheet HTML 62Page - STMicroelectronics ST10F280 Datasheet HTML 63Page - STMicroelectronics ST10F280 Datasheet HTML 64Page - STMicroelectronics ST10F280 Datasheet HTML 65Page - STMicroelectronics ST10F280 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 186 page
background image
ST10F280
62/186
11.2.1 - Operating Modes
The XPWM module provides four different operat-
ing modes:
– Mode 0 Standard PWM generation (edge
aligned PWM) available on all four channels
– Mode 1 Symmetrical PWM generation (center
aligned PWM) available on all four channels
– Burst mode combines channels 0 and 1
– Single shot mode available on channels 2 and 3
Note: The output signals of the XPWM module
are
XORed
with
the
outputs
of
the
respective bits of XPOLAR register. After
reset these bits are cleared, so the PWM
signals are directly driven to the output pins.
By setting the respective bits of XPOLAR
register to ‘1’ the PWM signal may be
inverted (XORed with ‘1’) before being
driven to the output pin. The descriptions
below refer to the standard case after reset,
i.e. direct driving.
11.2.1.1 - Mode 0: Standard PWM Generation
(Edge Aligned PWM)
Mode 0 is selected by clearing the respective bit
XPMx in register XPWMCON1 to ‘0’. In this mode
the timer XPTx of the respective XPWM channel
is always counting up until it reaches the value in
the associated period shadow register. Upon the
next count pulse the timer is reset to 0000h and
continues counting up with subsequent count
pulses. The XPWM output signal is switched to
high level when the timer contents are equal to or
greater than the contents of the pulse width
shadow register. The signal is switched back to
low level when the respective timer is reset to
0000h, i.e. below the pulse width shadow register.
The period of the resulting PWM signal is deter-
mined by the value of the respective XPPx
shadow register plus 1, counted in units of the
timer resolution.
PWM_PeriodMode0 = [XPPx] + 1
The duty cycle of the XPWM output signal is con-
trolled by the value in the respective pulse width
shadow register. This mechanism allows the
selection of duty cycles from 0% to 100% including
the boundaries. For a value of 0000h the output
will remain at a high level, representing a duty
cycle of 100%. For a value higher than the value in
the period register the output will remain at a low
level, which corresponds to a duty cycle of 0%.
The Figure 20 illustrates the operation and output
waveforms of a XPWM channel in mode 0 for dif-
ferent values in the pulse width register.
This mode is referred to as Edge Aligned PWM,
because the value in the pulse width (shadow)
register only effects the positive edge of the out-
put signal. The negative edge is always fixed and
related to the clearing of the timer.
Figure 20 : Operation and Output Waveform in Mode 0
7
6
7
6
5
3
4
2
1
0
7
6
5
3
4
2
1
0
1
0
XPPx
Period=7
XPTx Count
Value
XPWx Pulse
Width=0
XPWx=1
XPWx=2
XPWx=4
XPWx=6
XPWx=7
XPWx=8
Latch Shadow Registers
Interrupt Request
LSR
LSR
Duty Cycle
100%
87.5%
75%
50%
25%
12.5%
0%
LSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com