Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 53 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 49Page - STMicroelectronics ST10F280 Datasheet HTML 50Page - STMicroelectronics ST10F280 Datasheet HTML 51Page - STMicroelectronics ST10F280 Datasheet HTML 52Page - STMicroelectronics ST10F280 Datasheet HTML 53Page - STMicroelectronics ST10F280 Datasheet HTML 54Page - STMicroelectronics ST10F280 Datasheet HTML 55Page - STMicroelectronics ST10F280 Datasheet HTML 56Page - STMicroelectronics ST10F280 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 186 page
background image
ST10F280
53/186
8.4 - Exception and Error Traps List
Table 8 shows all of the possible exceptions or error conditions that can arise during run-time :
*
- All the class B traps have the same trap number (and vector) and the same lower priority compare to the class A traps and to the resets.
- Each class A traps has a dedicated trap number (and vector). They are prioritized in the second priority level.
- The resets have the highest priority level and the same trap number.
- The PSW.ILVL CPU priority is forced to the highest level (15) when these exeptions are serviced.
Table 8 : Exceptions or Error Conditions that Can Arise During Run-time
Exception Condition
Trap Flag
Trap
Vector
Vector Location
Trap Number
Trap *
Priority
Reset Functions
MAXIMUM
Hardware Reset
RESET
00’0000h
00h
III
Software Reset
RESET
00’0000h
00h
III
Watchdog Timer Overflow
RESET
00’0000h
00h
III
Class A Hardware Traps
Non-Maskable Interrupt
NMI
NMITRAP
00’0008h
02h
II
Stack Overflow
STKOF
STOTRAP
00’0010h
04h
II
Stack Underflow
STKUF
STUTRAP
00’0018h
06h
II
Class B Hardware Traps
Undefined Opcode
UNDOPC
BTRAP
00’0028h
0Ah
I
Protected Instruction Fault
PRTFLT
BTRAP
00’0028h
0Ah
I
Illegal Word Operand Access
ILLOPA
BTRAP
00’0028h
0Ah
I
Illegal Instruction Access
ILLINA
BTRAP
00’0028h
0Ah
I
Illegal External Bus Access
ILLBUS
BTRAP
00’0028h
0Ah
I
MAC Trap
MACTRP
BTRAP
00’0028h
0Ah
I
MINIMUM
Reserved
[2Ch –3Ch]
[0Bh – 0Fh]
Software Traps
TRAP Instruction
Any [00’0000h– 00’01FCh]
in steps of 4h
Any [00h – 7Fh]
Current
CPU Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com