Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 76Page - STMicroelectronics ST10F280 Datasheet HTML 77Page - STMicroelectronics ST10F280 Datasheet HTML 78Page - STMicroelectronics ST10F280 Datasheet HTML 79Page - STMicroelectronics ST10F280 Datasheet HTML 80Page - STMicroelectronics ST10F280 Datasheet HTML 81Page - STMicroelectronics ST10F280 Datasheet HTML 82Page - STMicroelectronics ST10F280 Datasheet HTML 83Page - STMicroelectronics ST10F280 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 186 page
background image
ST10F280
80/186
While an external bus mode is enabled, the user software should not write to the port output latch, other-
wise unpredictable results may occur. When the external bus modes are disabled, the contents of the
direction register last written by the user becomes active.
The figure below shows the structure of a PORT1 pin.
12.4 - Port 2
If this 16-bit port is used for general purpose I/O, the direction of each line can be configured via the cor-
responding direction register DP2. Each port line can be switched into push/pull or open drain mode via
the open drain control register ODP2.
Figure 31 : PORT1 I/O and Alternate Functions
Figure 32 : Block Diagram of a PORT1 Pin
PORT1
P1H
P1L
Alternate Function
a)
General Purpose Input/Output
8/16-bit Demultiplexed Bus
b)
CAPCOM2 Capture Inputs
P1H.7
P1H.6
P1H.5
P1H.4
P1H.3
P1H.2
P1H.1
P1H.0
P1L.7
P1L.6
P1L.5
P1L.4
P1L.3
P1L.2
P1L.1
P1L.0
A15
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
CC27I
CC26I
CC25I
CC24I
Direction
Latch
Write DP1H.y / DP1L.y
Read DP1H.y / DP1L.y
Port Output
Latch
Write P1H.y / P1L.y
Read P1H.y / P1L.y
MUX
0
1
MUX
0
1
MUX
0
1
“1”
Input
Latch
P1H.y
P1L.y
Output
Buffer
y = 7...0
Alternate
Function
Enable
Port Data
Output
Alternate
Data
Output
CPU Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com