Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 5Page - STMicroelectronics ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 186 page
background image
ST10F280
9/186
XP10.0 – XP10.15
I
XPort 10 is a 16-bit input-only port with Schmitt-Trigger characteristics.
The pins of XPort10 also serve as the analog input channels (up to 16) for the
A/D converter, where XP10.X equals ANx (Analog input channel x).
M4
M3
M2
M1
N4
N3
N2
N1
P4
P3
P2
P1
R2
R1
T1
U1
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
I
XP10.0
XP10.1
XP10.2
XP10.3
XP10.4
XP10.5
XP10.6
XP10.7
XP10.8
XP10.9
XP10.10
XP10.11
XP10.12
XP10.13
XP10.14
XP10.15
P5.0 – P5.15
I
Port 5 is a 16-bit input-only port with Schmitt-Trigger characteristics.
The pins of Port 5 also serve as the analog input channels (up to 16) for the A/D
converter, where P5.x equals ANx (Analog input channel x),
or they serve as timer inputs:
T2
I
P5.0
R3
I
P5.1
T3
I
P5.2
R4
I
P5.3
T4
I
P5.4
U4
I
P5.5
P5
I
P5.6
R5
I
P5.7
T5
I
P5.8
U5
I
P5.9
P6
I
P5.10
T6EUD
GPT2 Timer T6 External Up / Down Control Input
R6
I
P5.11
T5EUD
GPT2 Timer T5 External Up / Down Control Input
T6
I
P5.12
T6IN
GPT2 Timer T6 Count Input
U6
I
P5.13
T5IN
GPT2 Timer T5 Count Input
P7
I
P5.14
T4EUD
GPT1 Timer T4 External Up / Down Control Input
R7
I
P5.15
T2EUD
GPT1 Timer T2 External Up / Down Control Input
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com