Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 89Page - STMicroelectronics ST10F280 Datasheet HTML 90Page - STMicroelectronics ST10F280 Datasheet HTML 91Page - STMicroelectronics ST10F280 Datasheet HTML 92Page - STMicroelectronics ST10F280 Datasheet HTML 93Page - STMicroelectronics ST10F280 Datasheet HTML 94Page - STMicroelectronics ST10F280 Datasheet HTML 95Page - STMicroelectronics ST10F280 Datasheet HTML 96Page - STMicroelectronics ST10F280 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 186 page
background image
ST10F280
93/186
Port 5 pins have a special port structure (see Figure 43), first because it is an input only port, and second
because the analog input channels are directly connected to the pins rather than to the input latches.
12.7.1 - Port 5 Schmitt Trigger Analog Inputs
A Schmitt trigger protection can be activated on each pin of Port 5 by setting the dedicated bit of register
P5DIDIS.
P5DIDIS (FFA4h / D2h)
SFR
Reset Value: 0000h
12.8 - Port 6
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the corre-
sponding direction register DP6. Each port line can be switched into push/pull or open drain mode via the
open drain control register ODP6.
P6 (FFCCh / E6h)
SFR
Reset Value: - - 00h
DP6 (FFCEh / E7h)
SFR
Reset Value: - - 00h
Figure 43 : Block Diagram of a Port 5 Pin
15
14
13
12
11
10
9876543210
P5DI
DIS.15
P5DI
DIS.14
P5DI
DIS.13
P5DI
DIS.12
P5DI
DIS.11
P5DI
DIS.10
P5DI
DIS.9
P5DI
DIS.8
P5DI
DIS.7
P5DI
DIS.6
P5DI
DIS.5
P5DI
DIS.4
P5DI
DIS.3
P5DI
DIS.2
P5DI
DIS.1
P5DI
DIS.0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
P5DIDIS.y
Port 5 Digital Disablel register bit y
P5DIDIS.y = 0: Port line P5.y digital input is enabled (Schmitt trigger enabled)
P5DIDIS.y = 1: Port line P5.y digital input is disabled (Schmitt trigger disabled, necessary for input
leakage current reduction)
15
14
13
12
11
10
9876543210
--------
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
P6.y
Port data register P6 bit y
15
14
13
12
11
10
9876543210
--------
DP6.7 DP6.6 DP6.5 DP6.4 DP6.3 DP6.2 DP6.1 DP6.0
RW
RW
RW
RW
RW
RW
RW
RW
Read Port P5.y
Input
Latch
CPU Clock
P5.y/ANy
Read
Buffer
to Sample + Hold
Circuit
Channel
Select
Analog
Switch
y = 15...0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com