Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 91Page - STMicroelectronics ST10F280 Datasheet HTML 92Page - STMicroelectronics ST10F280 Datasheet HTML 93Page - STMicroelectronics ST10F280 Datasheet HTML 94Page - STMicroelectronics ST10F280 Datasheet HTML 95Page - STMicroelectronics ST10F280 Datasheet HTML 96Page - STMicroelectronics ST10F280 Datasheet HTML 97Page - STMicroelectronics ST10F280 Datasheet HTML 98Page - STMicroelectronics ST10F280 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 186 page
background image
ST10F280
95/186
The chip select lines of Port 6 have an internal weak pull-up device. This device is switched on during
reset. This feature is implemented to drive the chip select lines high during reset in order to avoid multiple
chip selection.
After reset the CS function must be used, if selected so. In this case there is no possibility to program any
port latches before. Thus the alternate function (CS) is selected automatically in this case.
Note: The open drain output option can only be selected via software earliest during the initialization
routine; at least signal CS0 will be in push/pull output driver mode directly after reset.
Figure 45 : Block Diagram of Port 6 Pins with an Alternate Output Function
* P6.5 has only alternate input function.
12.9 - Port 7
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the corre-
sponding direction register DP7. Each port line can be switched into push/pull or open drain mode via the
open drain control register ODP7.
MUX
0
1
"0"
Open Drain
Latch
Write ODP6.y
Read ODP6.y
Direction
Latch
Write DP6.y
Read DP6.y
MUX
0
1
Input
Latch
CPU Clock
P6.y
Output
Buffer
Port Output
Latch
Read P6.y
Write P6.y
Alternate *
Data
Output
MUX
0
1
MUX
0
1
"1"
MUX
Alternate
Function
Enable
y = (0...4, 6, 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com