Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 61Page - STMicroelectronics ST10F280 Datasheet HTML 62Page - STMicroelectronics ST10F280 Datasheet HTML 63Page - STMicroelectronics ST10F280 Datasheet HTML 64Page - STMicroelectronics ST10F280 Datasheet HTML 65Page - STMicroelectronics ST10F280 Datasheet HTML 66Page - STMicroelectronics ST10F280 Datasheet HTML 67Page - STMicroelectronics ST10F280 Datasheet HTML 68Page - STMicroelectronics ST10F280 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 186 page
background image
ST10F280
65/186
11.2.1.4 - Single Shot Mode
Single shot mode is selected by setting the
respective bit PSx in register XPWMCON1 to ‘1’.
This mode is available for XPWM channels 2
and 3.
In this mode the timer XPTx of the respective
XPWM channel is started via software and is
counting up until it reaches the value in the asso-
ciated period shadow register. Upon the next
count pulse the timer is cleared to 0000h and
stopped via hardware, i.e. the respective PTRx bit
is cleared. The XPWM output signal is switched to
high level when the timer contents are equal to or
greater than the contents of the pulse width
shadow register. The signal is switched back to
low level when the respective timer is cleared, i.e.
is below the pulse width shadow register. Thus
starting a XPWM timer in single shot mode pro-
duces one single pulse on the respective port pin,
provided that the pulse width value is between
0000h and the period value. In order to generate a
further pulse, the timer has to be started again via
software by setting bit PTRx (see Figure 23).
After starting the timer (i.e. PTRx = ‘1’) the output
pulse may be modified via software. Writing to
timer XPTx changes the positive and/or negative
edge of the output signal, depending on whether
the pulse has already started (i.e. the output is
high) or not (i.e. the output is still low). This (multi-
ple) re-triggering is always possible while the
timer is running, i.e. after the pulse has started
and before the timer is stopped.
Loading counter XPTx directly with the value in
the respective XPPx shadow register will abort the
current PWM pulse upon the next clock pulse
(counter is cleared and stopped by hardware).
By setting the period (XPPx), the timer start value
(XPTx) and the pulse width value (XPWx) appro-
priately, the pulse width (tw) and the optional
pulse delay (td) may be varied in a wide range.
Figure 23 : Operation and Output Waveform in Single Shot Mode
7
6
5
3
4
2
1
0
XPPx
Period=7
XPTx Count
Value
XPWx Pulse
Width=4
Set PTRx
by Software
PTRx Reset
by Hardware
PTx stopped
7
6
5
3
4
2
1
0
Set PTRx
by Software
LSR
for Next Pulse
6
5
3
4
2
1
0
XPPx
Period=7
XPTx Count
Value
XPWx Pulse
Width=4
7
6
5
4
tD
Retrigger after
Write PWx value to PTx
1
0
7
6
5
4
tD
Trigger before Pulse has started :
Write PWx value to PTx;
LSR
tW
tW
Shortens Delay Time tD
Pulse has started :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com