Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 83Page - STMicroelectronics ST10F280 Datasheet HTML 84Page - STMicroelectronics ST10F280 Datasheet HTML 85Page - STMicroelectronics ST10F280 Datasheet HTML 86Page - STMicroelectronics ST10F280 Datasheet HTML 87Page - STMicroelectronics ST10F280 Datasheet HTML 88Page - STMicroelectronics ST10F280 Datasheet HTML 89Page - STMicroelectronics ST10F280 Datasheet HTML 90Page - STMicroelectronics ST10F280 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 186 page
background image
ST10F280
87/186
Pin P3.12 (BHE/WRH) is another pin with an alternate output function, however, its structure is slightly dif-
ferent (see figure Figure 37). After reset the BHE or WRH function must be used depending on the sys-
tem start-up configuration. In either of these cases, there is no possibility to program any port latches
before. Thus, the appropriate alternate function is selected automatically. If BHE/WRH is not used in the
system, this pin can be used for general purpose I/O by disabling the alternate function (BYTDIS = ‘1’ /
WRCFG=’0’).
Note: Enabling the BHE or WRH function automatically enables the P3.12 output driver. Setting bit
DP3.12=’1’ is not required.
During bus hold, pin P3.12 is switched back to its standard function and is then controlled by
DP3.12 and P3.12. Keep DP3.12 = ’0’ in this case to ensure floating in hold mode.
12.6 - Port 4
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured via the corre-
sponding direction register DP4.
P4 (FFC8h / E4h)
SFR
Reset Value: - - 00h
Figure 37 : Block Diagram of Pins P3.15 (CLKOUT) and P3.12 (BHE/WRH)
15
14
13
12
11
10
9876543210
--------
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
P4.y
Port data register P4 bit y
Direction
Latch
Write DP3.x
Read DP3.x
Port Output
Latch
Write P3.x
Read P3.x
MUX
0
1
MUX
0
1
Alternate
Data
Output
MUX
0
1
“1”
Input
Latch
P3.12/BHE
P3.15/CLKOUT
Output
Buffer
x = 15, 12
Alternate
Function
Enable
CPU Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com