Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 50Page - STMicroelectronics ST10F280 Datasheet HTML 51Page - STMicroelectronics ST10F280 Datasheet HTML 52Page - STMicroelectronics ST10F280 Datasheet HTML 53Page - STMicroelectronics ST10F280 Datasheet HTML 54Page - STMicroelectronics ST10F280 Datasheet HTML 55Page - STMicroelectronics ST10F280 Datasheet HTML 56Page - STMicroelectronics ST10F280 Datasheet HTML 57Page - STMicroelectronics ST10F280 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 186 page
background image
ST10F280
54/186
9 - CAPTURE/COMPARE (CAPCOM) UNITS
The ST10F280 has two 16 channels CAPCOM
units as described in Figure 12. These support
generation and control of timing sequences on up
to 32 channels with a maximum resolution of
200ns at 40MHz CPU clock. The CAPCOM units
are typically used to handle high speed I/O tasks
such as pulse and waveform generation, pulse
width modulation (PMW), Digital to Analog (D/A)
conversion, software timing, or time recording
relative to external events.
Four 16-bit timers (T0/T1, T7/T8) with reload
registers provide two independent time bases for
the capture/compare register array (See Figure 13
and Figure 14).
The input clock for the timers is programmable to
several prescaled values of the internal system
clock, or may be derived from an overflow/
underflow of timer T6 in module GPT2. This
provides a wide range of variation for the timer
period
and
resolution
and
allows
precise
adjustments to application specific requirements.
In addition, external count inputs for CAPCOM
timers T0 and T7 allow event scheduling for the
capture/compare registers relative to external
events.
Each of the two capture/compare register arrays
contain
16
dual
purpose
capture/compare
registers, each of which may be individually
allocated to either CAPCOM timer T0 or T1 (T7 or
T8, respectively), and programmed for capture or
compare functions. Each of the 32 registers has
one associated port pin which serves as an input
pin for triggering the capture function, or as an
output pin to indicate the occurrence of a compare
event. Figure 12 shows the basic structure of the
two CAPCOM units.
Note
The CAPCOM2 unit provides 16 capture inputs, but only 12 compare outputs. CC24I to CC27I are inputs only.
Figure 12 : CAPCOM Unit Block Diagram
Pin
Tx
Input
Control
2n n = 3...10
GPT2 Timer T6
Pin
TxIN
CPU
Clock
Mode
Control
(Capture
or
Compare)
16
Capture inputs
Compare outputs
Pin
Ty
Input
Control
2n n = 3...10
GPT2 Timer T6
Over / Underflow
CPU
Clock
Reload Register TxREL
CAPCOM Timer Tx
Interrupt
Request
Sixteen 16-bit
(Capture/Compare)
Registers
Over / Underflow
CAPCOM Timer Ty
Reload Register TyREL
16
Capture / Compare *
Interrupt Requests
Interrupt
Request
x = 0, 7
y = 1, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com