Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 82Page - STMicroelectronics ST10F280 Datasheet HTML 83Page - STMicroelectronics ST10F280 Datasheet HTML 84Page - STMicroelectronics ST10F280 Datasheet HTML 85Page - STMicroelectronics ST10F280 Datasheet HTML 86Page - STMicroelectronics ST10F280 Datasheet HTML 87Page - STMicroelectronics ST10F280 Datasheet HTML 88Page - STMicroelectronics ST10F280 Datasheet HTML 89Page - STMicroelectronics ST10F280 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 186 page
background image
ST10F280
86/186
When the on-chip peripheral associated with a Port 3 pin is configured to use both the alternate input and
output function, the descriptions above apply to the respective current operating mode. The direction
must be set accordingly. Port 3 pins with alternate input/output functions are: MTSR, MRST, RxD0 and
SCLK.
Note: Enabling the CLKOUT function automatically enables the P3.15 output driver. Setting bit
DP3.15=’1’ is not required.
Figure 36 : Block Diagram of Port 3 Pin with Alternate Input or Alternate Output Function
Open Drain
Latch
Write ODP3.y
Read ODP3.y
Direction
Latch
Write DP3.y
Read DP3.y
MUX
0
1
Alternate
Data
Input
Input
Latch
P3.y
Output
Buffer
y = 13, 11...0
Port Output
Latch
Read P3.y
Write P3.y
&
Alternate
Data Output
Port Data
Output
CPU Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com