Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 4Page - STMicroelectronics ST10F280 Datasheet HTML 5Page - STMicroelectronics ST10F280 Datasheet HTML 6Page - STMicroelectronics ST10F280 Datasheet HTML 7Page - STMicroelectronics ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 186 page
background image
ST10F280
8/186
Table 1 : Ball Description
Symbol
Ball
Number
Type
Function
P6.0 – P6.7
I/O
Port 6 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put into
high-impedance state. Port 6 outputs can be configured as push/pull or open
drain drivers.
The following Port 6 pins also serve for alternate functions:
E4
O
P6.0
CS0
Chip Select 0 Output
D3
O
P6.1
CS1
Chip Select 1 Output
B1
O
P6.2
CS2
Chip Select 2 Output
C1
O
P6.3
CS3
Chip Select 3 Output
D2
O
P6.4
CS4
Chip Select 4 Output
E3
I
P6.5
HOLD
External Master Hold Request Input
F4
O
P6.6
HLDA
Hold Acknowledge Output
D1
O
P6.7
BREQ
Bus Request Output
P8.0 – P8.7
I/O
Port 8 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put into
high-impedance state. Port 8 outputs can be configured as push/pull or open
drain drivers. The input threshold of Port 8 is selectable (TTL or special).
The following Port 8 pins also serve for alternate functions:
E2
I/O
P8.0
CC16IO
CAPCOM2: CC16 Capture Input / Compare Output
F3
I/O
P8.1
CC17IO
CAPCOM2: CC17 Capture Input / Compare Output
F2
I/O
P8.2
CC18IO
CAPCOM2: CC18 Capture Input / Compare Output
G3
I/O
P8.3
CC19IO
CAPCOM2: CC19 Capture Input / Compare Output
G2
I/O
P8.4
CC20IO
CAPCOM2: CC20 Capture Input / Compare Output
H4
I/O
P8.5
CC21IO
CAPCOM2: CC21 Capture Input / Compare Output
H3
I/O
P8.6
CC22IO
CAPCOM2: CC22 Capture Input / Compare Output
H2
I/O
P8.7
CC23IO
CAPCOM2: CC23 Capture Input / Compare Output
P7.0 – P7.7
I/O
Port 7 is an 8-bit bidirectional I/O port. It is bit-wise programmable for input or
output via direction bits. For a pin configured as input, the output driver is put into
high-impedance state. Port 7 outputs can be configured as push/pull or open
drain drivers. The input threshold of Port 7 is selectable (TTL or special).
The following Port 7 pins also serve for alternate functions:
J4
O
P7.0
POUT0
PWM Channel 0 Output
J3
O
P7.1
POUT1
PWM Channel 1 Output
J2
O
P7.2
POUT2
PWM Channel 2 Output
J1
O
P7.3
POUT3
PWM Channel 3 Output
K2
I/O
P7.4
CC28IO
CAPCOM2: CC28 Capture Input / Compare Output
K3
I/O
P7.5
CC29IO
CAPCOM2: CC29 Capture Input / Compare Output
K4
I/O
P7.6
CC30IO
CAPCOM2: CC30 Capture Input / Compare Output
L2
I/O
P7.7
CC31IO
CAPCOM2: CC31 Capture Input / Compare Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com