Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics ST10F280 Datasheet HTML 14Page - STMicroelectronics ST10F280 Datasheet HTML 15Page - STMicroelectronics ST10F280 Datasheet HTML 16Page - STMicroelectronics ST10F280 Datasheet HTML 17Page - STMicroelectronics ST10F280 Datasheet HTML 18Page - STMicroelectronics ST10F280 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 186 page
background image
ST10F280
15/186
XPWM.0
D4
O
XPWM Channel 0 Output
XPWM.1
C3
O
XPWM Channel 1 Output
XPWM.2
B2
O
XPWM Channel 2 Output
XPWM.3
C2
O
XPWM Channel 3 Output
XADCINJ
L3
O
Output trigger for ADC channel injection
VAREF
U2
-
Reference voltage for the A/D converter.
VAGND
U3
-
Reference ground for the A/D converter.
RPD
M17
I/O
Timing pin for the return from powerdown circuit and synchronous/asynchronous
reset selection.
DC1
G1
O
3.3V Decoupling pin: a decoupling capacitor of ~330 nF must be connected
between this pin and nearest VSS pin.
DC2
U11
O
3.3V Decoupling pin: a decoupling capacitor of ~330 nF must be connected
between this pin and VSS nearest pin.
VDD
A2
A9
A12
A14
E1
K1
U8
U15
P17
L17
G17
-
Digital Supply Voltage: + 5 V during normal operation, idle mode and power
down mode
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com