Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 69Page - STMicroelectronics ST10F280 Datasheet HTML 70Page - STMicroelectronics ST10F280 Datasheet HTML 71Page - STMicroelectronics ST10F280 Datasheet HTML 72Page - STMicroelectronics ST10F280 Datasheet HTML 73Page - STMicroelectronics ST10F280 Datasheet HTML 74Page - STMicroelectronics ST10F280 Datasheet HTML 75Page - STMicroelectronics ST10F280 Datasheet HTML 76Page - STMicroelectronics ST10F280 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 186 page
background image
ST10F280
73/186
12.1.2 - Input Threshold Control
The standard inputs of the ST10F280 determine the status of input signals according to TTL levels. In
order to accept and recognize noisy signals, CMOS-like input thresholds can be selected instead of the
standard TTL thresholds for all pins of Port 2, Port 3, Port4, Port 7 and Port 8. These special thresholds
are defined above the TTL thresholds and feature a defined hysteresis to prevent the inputs from toggling
while the respective input signal level is near the thresholds.
The Port Input Control register PICON is used to select these thresholds for each byte of the indicated
ports, i.e. the 8-bit ports P7 and P8 are controlled by one bit each while ports P2 and P3 are controlled by
two bits each.
PICON (F1C4h / E2h)
ESFR
Reset Value:-00h
All options for individual direction and output mode control are available for each pin, independent of the
selected input threshold. The input hysteresis provides stable inputs from noisy or slowly changing exter-
nal signals.
12.1.3 - Output Driver Control
The port output control registers POCONx allow to select the port output driver characteristics of a port.
The aim of these selections is to adapt the output drivers to the application’s requirements, and to
improve the EMI behaviour of the device. Two characteristics may be selected:
Edge characteristic defines the rise/fall time for the respective output, ie. the transition time. Slow edge
reduce the peak currents that are sinked/sourced when changing the voltage level of an external capaci-
tive load. For a bus interface or pins that are changing at frequency higher than 1MHz, however, fast
edges may still be required.
Driver characteristic defines either the general driving capability of the respective driver, or if the driver
strength is reduced after the target output level has been reached or not. Reducing the driver strength
increases the output’s internal resistance, which attenuates noise that is imported via the output line. For
driving LEDs or power transistors, however, a stable high output current may still be required.
15
14
13
12
11
10
9876543210
--------
P8LIN P7LIN
-
P4LIN P3HIN P3LIN P2HIN P2LIN
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PxLIN
0
1
Port x Low Byte Input Level Selection
Pins Px.7...Px.0 switch on standard TTL input levels
Pins Px.7...Px.0 switch on special threshold input levels
PxHIN
0
1
Port x High Byte Input Level Selection
Pins Px.15...Px.8 switch on standard TTL input levels
Pins Px.15...Px.8 switch on special threshold input levels
Figure 28 : Hysteresis for Special Input Thresholds
Input level
Bit state
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com