Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 96Page - STMicroelectronics ST10F280 Datasheet HTML 97Page - STMicroelectronics ST10F280 Datasheet HTML 98Page - STMicroelectronics ST10F280 Datasheet HTML 99Page - STMicroelectronics ST10F280 Datasheet HTML 100Page - STMicroelectronics ST10F280 Datasheet HTML 101Page - STMicroelectronics ST10F280 Datasheet HTML 102Page - STMicroelectronics ST10F280 Datasheet HTML 103Page - STMicroelectronics ST10F280 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 186 page
background image
ST10F280
100/186
The port structures of Port 8 differ in the way the output latches are connected to the internal bus and to
the pin driver (see the Figure 50). Pins P8.7...P8.0 (CC23IO...CC16IO) combine internal bus data and
alternate data output before the port latch input, as do the Port 2 pins.
Figure 49 : Port 8 I/O and Alternate Functions
Figure 50 : Block Diagram of Port 8 Pins P8.7...P8.0
Port 8
Alternate Function
General Purpose Input / Output
P8.7
P8.6
P8.5
P8.4
P8.3
P8.2
P8.1
P8.0
CC23IO
CC22IO
CC21IO
CC20IO
CC19IO
CC18IO
CC17IO
CC16IO
Open Drain
Latch
Write 0DP8.y
Read 0DP8.y
Direction
Latch
Write DP8.y
Read DP8.y
MUX
0
1
Alternate Latch
Data Input
Input
Latch
CPU Clock
P8.y
CCzIO
Output
Buffer
Alternate
Data
Output
MUX
0
1
Output
Latch
≥ 1
Write Port P8.y
Compare Trigger
Read P8.y
y = (7...0)
z = (16...23)
Alternate Pin Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com