Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 103 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 99Page - STMicroelectronics ST10F280 Datasheet HTML 100Page - STMicroelectronics ST10F280 Datasheet HTML 101Page - STMicroelectronics ST10F280 Datasheet HTML 102Page - STMicroelectronics ST10F280 Datasheet HTML 103Page - STMicroelectronics ST10F280 Datasheet HTML 104Page - STMicroelectronics ST10F280 Datasheet HTML 105Page - STMicroelectronics ST10F280 Datasheet HTML 106Page - STMicroelectronics ST10F280 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 186 page
background image
ST10F280
103/186
12.12 - XPort 10
The XPort10 is enabled by setting XPEN bit 2 of the SYSCON register and bit 3 of the new XPERCON
register. On the XBUS interface, the register are not bit-addressable. This 16-bit input port can only read
data. There is no output latch and no direction register. Data written to XP10 will be lost.
XP10 (C380h)
Reset Value: XXXXh
12.12.1 - Alternate Functions of XPort 10
Each line of XPort 10 is also connected to one of the multiplexer of the Analog/Digital Converter. All port
lines (XP10.15...XP10.0) can accept analog signals (AN31...AN16) that can be converted by the ADC. No
special programming is required for pins that shall be used as analog inputs. The Table 21 summarizes
the alternate functions of XPort 10.
Figure 51 : PORT10 I/O and Alternate Functions
15
14
13
12
11
10
98
765
432
10
XP10
.15
XP10
.14
XP10
.13
XP10
.12
XP10
.11
XP10
.10
XP10
.9
XP10
.8
XP10
.7
XP10
.6
XP10
.5
XP10
.4
XP10
.3
XP10
.2
XP10
.1
XP10
.0
RRR
RRR
RR
RRR
RRR
RR
Bit
Function
XP10.y
Port data register XP10 bit y (Read only)
Table 21 : XPort 10 Alternate Functions
XPort 10 Pin
Alternate Function
P10.0
P10.1
P10.2
P10.3
P10.4
P10.5
P10.6
P10.7
P10.8
P10.9
P10.10
P10.11
P10.12
P10.13
P10.14
P10.15
Analog Input AN16
Analog Input AN17
Analog Input AN18
Analog Input AN19
Analog Input AN20
Analog Input AN21
Analog Input AN22
Analog Input AN23
Analog Input AN24
Analog Input AN25
Analog Input AN26
Analog Input AN27
Analog Input AN28
Analog Input AN29
Analog Input AN30
Analog Input AN31
A/D Converter Input
AN31
AN30
AN29
AN28
AN27
AN26
AN25
AN24
AN23
AN22
AN21
AN20
AN19
AN18
AN17
AN16
XPort 10
Alternate Function
General Purpose Input
XP10.15
XP10.14
XP10.13
XP10.12
XP10.11
XP10.10
XP10.9
XP10.8
XP10.7
XP10.6
XP10.5
XP10.4
XP10.3
XP10.2
XP10.1
XP10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com