Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 101Page - STMicroelectronics ST10F280 Datasheet HTML 102Page - STMicroelectronics ST10F280 Datasheet HTML 103Page - STMicroelectronics ST10F280 Datasheet HTML 104Page - STMicroelectronics ST10F280 Datasheet HTML 105Page - STMicroelectronics ST10F280 Datasheet HTML 106Page - STMicroelectronics ST10F280 Datasheet HTML 107Page - STMicroelectronics ST10F280 Datasheet HTML 108Page - STMicroelectronics ST10F280 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 186 page
background image
ST10F280
105/186
13 - A/D CONVERTER
13.1 - A/D Converter Module
A 10-bit A/D converter with 2 x 16 multiplexed
input channels and a sample and hold circuit is
integrated on-chip. This A/D Converter does not
have the self-calibration feature. Thus, guaran-
teed Total Unadjusted Error is + 2 LSB. Refer to
Section 20.3.1 - A/D Converter Characteristics for
detailled characteristics. The sample time (for
loading the capacitors) and the conversion time is
programmable and can be adjusted to the exter-
nal circuitry. Convertion time is fully equivalent to
the one of previous generation A/D self-calibrated
Converter.
To remove high frequency components from the
analog input signal, a low-pass filter must be con-
nected at the ADC input.
Overrun error detection/protection is controlled by
the ADDAT register. Either an interrupt request is
generated when the result of a previous conver-
sion has not been read from the result register at
the time the next conversion is complete, or the
next conversion is suspended until the previous
result has been read. For applications which
require less than 16 analog input channels, the
remaining channel inputs can be used as digital
input port pins.
The A/D converter of the ST10F280 supports four
different conversion modes:
Single channel conversion mode the analog
level on a specified channel is sampled once and
converted to a digital result.
Single channel continuous mode the analog
level on a specified channel is repeatedly sampled
and converted without software intervention.
Auto scan mode the analog levels on a pre-spec-
ified number of channels are sequentially sampled
and converted.
Auto scan continuous mode the number of
pre-specified channels is repeatedly sampled and
converted.
Channel Injection Mode injects a channel into a
running
sequence
without
disturbing
this
sequence. The peripheral event controller stores
the conversion results in memory without entering
and exiting interrupt routines for each data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com