Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 102Page - STMicroelectronics ST10F280 Datasheet HTML 103Page - STMicroelectronics ST10F280 Datasheet HTML 104Page - STMicroelectronics ST10F280 Datasheet HTML 105Page - STMicroelectronics ST10F280 Datasheet HTML 106Page - STMicroelectronics ST10F280 Datasheet HTML 107Page - STMicroelectronics ST10F280 Datasheet HTML 108Page - STMicroelectronics ST10F280 Datasheet HTML 109Page - STMicroelectronics ST10F280 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 186 page
background image
ST10F280
106/186
13.2 - Multiplexage of two blocks of 16 Analog Inputs
The ADC can manage 16 analog inputs, so to increase its capability, a new XADCMUX register is added
to control the multiplexage between the first block of 16 channels on Port5 and the second block of 16
channels on XPort10. The conversion result register stays identical and only a software management can
determine the block in use.
The XADCMUX register is enabled by setting XPEN bit 2 of the SYSCON register and bit 3 of the new
XPERCON register
XADCMUX (C384h)
Reset Value: 0000h
Figure 52 : Block Diagram
15
14
13
12
11
10
98765432
1
0
-------------
--
XADCMUX
RW
Bit
Function
XADCMUX.0
0
1
Default configuration,analog inputs on port P5.y can be converted
Analog inputs on port XP10.y can be converted
y = 15...0
Input
latch
Input
latch
ADC
Read Port P5.y
Read Port XP10.y
Channel Select
XADCMUX
0
1
CPU clock
CPU clock
P5.y
XP10.y
16
16
XBUS
Internal Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com