Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 104Page - STMicroelectronics ST10F280 Datasheet HTML 105Page - STMicroelectronics ST10F280 Datasheet HTML 106Page - STMicroelectronics ST10F280 Datasheet HTML 107Page - STMicroelectronics ST10F280 Datasheet HTML 108Page - STMicroelectronics ST10F280 Datasheet HTML 109Page - STMicroelectronics ST10F280 Datasheet HTML 110Page - STMicroelectronics ST10F280 Datasheet HTML 111Page - STMicroelectronics ST10F280 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 186 page
background image
ST10F280
108/186
13.3.2 - Register Description
13.3.2.1 - TCR : Timer Control Register
XTCR (C000h)
Reset Value: 0000h
15
14
13
12
11
10
9876543210
000000
TFP[3:0]
TCM
TIE
TCS
TLE
TUD
TEN
RRRRRR
RW
RW
RW
RW
RW
RW
RW
Bit
Function
TEN
Timer Enable
When TEN = ’0’, the Timer is disabled (reset value). To avoid glitches, it is recommended to modify TCR in
2 steps, first with new values and and second by setting TEN.
TUD
Timer Up / Down Counting
When TUD = ’0’, the Timer is counting "down" (reset value), ie the TCVR (’current value’) register content
is decremented.
When TUD = ’1’, the Timer is counting "up", ie the TCVR (’current value’) register content is incremented.
TLE
Timer Load Enable
When the counter has reached its end value (TCVR = TEVR), TCVR is (re)loaded with TSVR (’start value’)
register content when TLE = ’1’. When TLE = ’0’ (reset value), the next state of TCVR depends on TCS
bit.
TCS
Timer Continue / Stop
When TLE = ’0’ (no load) and when the counter has reached its end value (TCVR = TEVR), the TCVR
content continues to increment / decrement according to TUD bit when TCS = ’1’ (continue mode).
When TCS = ’0’ (stop mode reset value), TCVR is stopped and its content is frozen.
TIE
Timer Output Enable
When the counter has reached its end value (TCVR = TEVR), the XADCINJ output is set when TIE = ’1’.
When TIE = ’0’ (reset value), XADCINJ output is disabled (= ’0’).
TCM
Timer Clock Mode Must be Cleared
TCM = ’0’ (reset value), the TCVR clock is derived from internal XCLK clock according to TFP bits.
TFP[3:0]
Timer Frequency Prescaler
When TCM = ’0’ (internal clock), the TCVR register clock is derived from the XCLK clock input by dividing
XCLK by 2**(2+ TFP). The coding is as follows :
- 0000 : prescaler by 2 (reset value), XCLK divided by 4
- 0001 : prescaler by 4, XCLK divided by 8
- 0010 : prescaler by 8, XCLK divided by 16
- ...
- 1111 : prescaler by 2**16, XCLK divided by 2**17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com