Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 108Page - STMicroelectronics ST10F280 Datasheet HTML 109Page - STMicroelectronics ST10F280 Datasheet HTML 110Page - STMicroelectronics ST10F280 Datasheet HTML 111Page - STMicroelectronics ST10F280 Datasheet HTML 112Page - STMicroelectronics ST10F280 Datasheet HTML 113Page - STMicroelectronics ST10F280 Datasheet HTML 114Page - STMicroelectronics ST10F280 Datasheet HTML 115Page - STMicroelectronics ST10F280 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 186 page
background image
ST10F280
112/186
14 - SERIAL CHANNELS
Serial communication with other microcontrollers,
microprocessors, terminals or external peripheral
components is provided by two serial interfaces: the
asynchronous / synchronous serial channel (ASCO)
and the high-speed synchronous serial channel
(SSC). Two dedicated Baud rate generators set up
all standard Baud rates without the requirement of
oscillator tuning. For transmission, reception and
erroneous reception, 3 separate interrupt vectors
are provided for each serial channel.
14.1 - Asynchronous / Synchronous Serial
Interface (ASCO)
The asynchronous / synchronous serial interface
(ASCO) provides serial communication between
the
ST10F280
and
other
microcontrollers,
microprocessors or external peripherals.
A set of registers is used to configure
and to
control the ASCO serial interface:
– P3, DP3, ODP3 for pin configuration
– SOBG for Baud rate generator
– SOTBUF for transmit buffer
– SOTIC for transmit interrupt control
– SOTBIC for transmit buffer interrupt control
– SOCON for control
– SORBUF for receive buffer (read only)
– SORIC for receive interrupt control
– SOEIC for error interrupt control
14.1.1 - ASCO in Asynchronous Mode
In asynchronous mode, 8 or 9-bit data transfer,
parity generation and the number of stop bit can
be selected. Parity framing and overrun error
detection is provided to increase the reliability of
data transfers. Transmission and reception of data
is double-buffered. Full-duplex communication up
to 1.25M Bauds (at 40MHz of fCPU) is supported
in this mode.
Figure 56 : Asynchronous Mode of Serial Channel ASC0
Pin
2
CPU
Clock
S0R
Baud Rate Timer
Reload Register
16
Clock
Serial Port Control
Shift Clock
S0M S0STP
S0FE
S0OE
S0PE
S0REN
S0FEN
S0PEN
S0OEN
S0LB
S0RIR
S0TIR
S0EIR
Receive Interrupt
Request
Transmit Interrupt
Request
Error Interrupt
Request
Transmit Shift
Register
Receive Shift
Register
Transmit Buffer
Register S0TBUF
Receive Buffer
Register S0RBUF
Sampling
MUX
0
1
Pin
Input
Internal Bus
RxD0/P3.11
Output
TxD0 / P3.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com