Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics ST10F280 Datasheet HTML 14Page - STMicroelectronics ST10F280 Datasheet HTML 15Page - STMicroelectronics ST10F280 Datasheet HTML 16Page - STMicroelectronics ST10F280 Datasheet HTML 17Page - STMicroelectronics ST10F280 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 186 page
background image
ST10F280
14/186
PORT1:
P1L.0 - P1L.7,
P1H.0 - P1H.7
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L and P1H. It is bit-wise
programmable for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state. PORT1 is used as the 16-bit
address bus (A) in demultiplexed bus modes and also after switching from a
demultiplexed bus mode to a multiplexed bus mode. The following PORT1 pins
also serve for alternate functions:
C11
I/O
P1L.0
B11
I/O
P1L.1
D10
I/O
P1L.2
C10
I/O
P1L.3
B10
I/O
P1L.4
A10
I/O
P1L.5
D9
I/O
P1L.6
C9
I/O
P1L.7
C8
I/O
P1H.0
D8
I/O
P1H.1
A7
I/O
P1H.2
B7
I/O
P1H.3
C7
I
P1H.4
CC24IO
CAPCOM2: CC24 Capture Input
D7
I
P1H.5
CC25IO
CAPCOM2: CC25 Capture Input
C5
I
P1H.6
CC26IO
CAPCOM2: CC26 Capture Input
C6
I
P1H.7
CC27IO
CAPCOM2: CC27 Capture Input
XTAL1
A5
I
XTAL1: Input to the oscillator amplifier and input to the internal clock generator
XTAL2
A6
O
XTAL2: Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1, while leaving XTAL2
unconnected. Minimum and maximum high/low and rise/fall times specified in
the AC Characteristics must be observed.
RSTIN
A3
I
Reset Input with Schmitt-Trigger characteristics. A low level at this pin for a spec-
ified duration while the oscillator is running resets the ST10F280. An internal pul-
lup resistor permits power-on reset using only a capacitor connected to VSS.
In bidirectional reset mode (enabled by setting bit BDRSTEN in SYSCON regis-
ter), the RSTIN line is pulled low for the duration of the internal reset sequence.
RSTOUT
B4
O
Internal Reset Indication Output. This pin is set to a low level when the part is
executing either a hardware, a software or a watchdog timer reset. RSTOUT
remains low until the EINIT (end of initialization) instruction is executed.
NMI
C4
I
Non-Maskable Interrupt Input. A high to low transition at this pin causes the CPU
to vector to the NMI trap routine. If bit PWDCFG = ‘0’ in SYSCON register, when
the PWRDN (power down) instruction is executed, the NMI pin must be low in
order to force the ST10F280 to go into power down mode. If NMI is high and
PWDCFG =’0’, when PWRDN is executed, the part will continue to run in normal
mode.
If not used, pin NMI should be pulled high externally.
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com