Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 70Page - STMicroelectronics ST10F280 Datasheet HTML 71Page - STMicroelectronics ST10F280 Datasheet HTML 72Page - STMicroelectronics ST10F280 Datasheet HTML 73Page - STMicroelectronics ST10F280 Datasheet HTML 74Page - STMicroelectronics ST10F280 Datasheet HTML 75Page - STMicroelectronics ST10F280 Datasheet HTML 76Page - STMicroelectronics ST10F280 Datasheet HTML 77Page - STMicroelectronics ST10F280 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 186 page
background image
ST10F280
74/186
For each feature, a 2-bit control field (ie. 4 bits) is provided for each group of 4 port pads (ie. a port nibble),
in port output control registers POCONx.
POCONx (F0yyh / zzh) for 8-bit Ports
ESFR
Reset Value: - - 00h
POCONx (F0yyh / zzh) for 16-bit Ports
ESFR
Reset Value: 0000h
Note: In case of reading an 8 bit P0CONX register, high Byte ( bit 15..8) is read as 00h.
Port Control Register Allocation
The table below lists the defined POCON registers and the allocation of control bitfields and port pins:
15
14
13
12
11
10
9876543210
--------
PN1DC
PN1EC
PN0DC
PN0EC
RW
RW
RW
RW
15
14
13
12
11
10
9876543210
PN3DC
PN3EC
PN2DC
PN2EC
PN1DC
PN1EC
PN0DC
PN0EC
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PNxEC
00
01
10
11
Port Nibble x Edge Characteristic (rise/fall time)
Fast edge mode, rise/fall times depend on the driver’s dimensioning.
Slow edge mode, rise/fall times ~60 ns
Reserved
Reserved
PNxDC
00
01
10
11
Port Nibble x Driver Characteristic (output current)
High Current mode: Driver always operates with maximum strength.
Dynamic Current mode: Driver strength is reduced after the target level has been reached.
Low Current mode: Driver always operates with reduced strength.
Reserved
Control
Register
Physical
Address
8-Bit
Address
Controlled Port
POCON0L
F080h
40h
P0L.7...4
P0L.3...0
POCON0H
F082h
41h
P0H.7...4
P0H.3...0
POCON1L
F084h
42h
P1L.7...4
P1L.3...0
POCON1H
F086h
43h
P1H.7...4
P1H.3...0
POCON2
F088h
44h
P2.15...12
P2.11...8
P2.7...4
P2.3...0
POCON3
F08Ah
45h
P3.15, P3.13...12
P3.11...8
P3.7...4
P3.3...0
POCON4
F08Ch
46h
P4.7...4
P4.3...0
POCON6
F08Eh
47h
P6.7...4
P6.3...0
POCON7
F090h
48h
P7.7...4
P7.3...0
POCON8
F092h
49h
P8.7...4
P8.3...0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com