Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 64Page - STMicroelectronics ST10F280 Datasheet HTML 65Page - STMicroelectronics ST10F280 Datasheet HTML 66Page - STMicroelectronics ST10F280 Datasheet HTML 67Page - STMicroelectronics ST10F280 Datasheet HTML 68Page - STMicroelectronics ST10F280 Datasheet HTML 69Page - STMicroelectronics ST10F280 Datasheet HTML 70Page - STMicroelectronics ST10F280 Datasheet HTML 71Page - STMicroelectronics ST10F280 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 186 page
background image
ST10F280
68/186
11.2.3 - Interrupt Request Generation
Each of the four channels of the XPWM module can generate an individual interrupt request. Each of
these “channel interrupts” can activate the common “module interrupt”, which actually interrupts the CPU.
This common module interrupt is controlled by the XPWM Module Interrupt Control register XP2IC( Xpe-
ripherals 2 control register). The interrupt service routine can determine the active channel interrupt(s)
from the channel specific interrupt request flags PIRx in register XPWMCON0. The interrupt request flag
PIRx of a channel is set at the beginning of a new PWM cycle, i.e. upon loading the shadow registers.
This indicates that registers XPPx and XPWx are now ready to receive a new value. If a channel interrupt
is enabled via its respective PIEx bit, also the common interrupt request flag XP2IR in register XP2IC is
set, provided that it is enabled via the common interrupt enable bit XP2IE.
Note: The channel interrupt request flags (PIRx in register XPWMCON0) are not automatically cleared
by hardware upon entry into the interrupt service routine, so they must be cleared via software.
The module interrupt request flag XP2IR is cleared by hardware upon entry into the service
routine, regardless of how many channel interrupts were active. However, it will be set again if
during execution of the service routine a new channel interrupt request is generated.
XP2IC (F196h / CBh)
ESFR
Reset Value: - - 00h
Note: Refer to the general Interrupt Control Register description for an explanation of the control fields.
11.2.4 - XPWM Output Signals
The output signals of the four XPWM channels are XPWM3...XPWM0. The output signal of each PWM
channel is individually enabled by control bit PENx in register XPWMCON1.
The XPWM signals are XORed with the outputs of the register XPOLAR(3...0) before being driven to the
output pins. This allows driving the XPWM signal directly to the output pin (XPOLAR.x=’0’) or driving the
inverted XPWM signal (XPOLAR.x=’1’).
15
14
13
12
11
10
9
8
7
6
543210
--
---
---
XP2IR XP2IE
ILVL
GLVL
RW
RW
RW
RW
Figure 24 : XPWM Output Signal Generation
Latch XPOLAR.3
PWM 3
Pin XPWM3
Latch XPOLAR.2
PWM 2
Pin XPWM2
Latch XPOLAR.1
PWM 1
Pin XPWM1
Latch XPOLAR.0
PWM 0
Pin XPWM0
&
XPWMCON1.PEN3
XPWMCON1.PEN2
XPWMCON1.PEN0
XPWMCON1.PEN1
XPWMCON1.PB01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com