Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 16Page - STMicroelectronics ST10F280 Datasheet HTML 17Page - STMicroelectronics ST10F280 Datasheet HTML 18Page - STMicroelectronics ST10F280 Datasheet HTML 19Page - STMicroelectronics ST10F280 Datasheet HTML 20Page - STMicroelectronics ST10F280 Datasheet HTML 21Page - STMicroelectronics ST10F280 Datasheet HTML 22Page - STMicroelectronics ST10F280 Datasheet HTML 23Page - STMicroelectronics ST10F280 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 186 page
background image
ST10F280
20/186
XPERCON (F024h / 12h)
ESFR
Reset Value: - - 05h
Note: - When both CAN and XPWM are disabled via XPERCON setting, then any access in the address
range 00’EC00h 00’EFFFh will be directed to external memory interface, using the BUSCONx
register corresponding to address matching ADDRSELx register. P4.4 and P4.7 can be used as
General Purpose I/O when CAN2 is not enabled, and P4.5 and P4.6 can be used as General
Purpose I/O when CAN1 is not enabled.
- The default XPER selection after Reset is : XCAN1 is enabled, XCAN2 is disabled, XRAM is
enabled, XPORT9, XTIMER, XPORT10, XPWM, XADCMUX are disabled.
- Register XPERCON cannot be changed after the global enabling of XPeripherals, i.e. after
setting of bit XPEN in SYSCON register.
15
14
13
12
11
10
98765
4
3
2
1
0
-------
----
XPWMEN
XPERCONEN3
XRAMEN
CAN2EN
CAN1EN
RW
RW
RW
RW
RW
Bit
Function
CAN1EN
0
1
CAN1 Enable Bit
Accesses to the on-chip CAN1 XPeripheral and its functions are disabled. P4.5 and P4.6 pins
can be used as general purpose I/Os. Address range 00’EF00h-00’EFFFh is only directed to
external memory if CAN2EN and XPWM bits are cleared also.
The on-chip CAN1 XPeripheral is enabled and can be accessed.
CAN2EN
0
1
CAN2 Enable Bit
Accesses to the on-chip CAN2 XPeripheral and its functions are disabled. P4.4 and P4.7 pins
can be used as general purpose I/Os. Address range 00’EE00h-00’EEFFh is only directed to
external memory if CAN1EN and XPWM bits are cleared also.
The on-chip CAN2 XPeripheral is enabled and can be accessed.
XRAMEN
0
1
XRAM Enable Bit
Accesses to the on-chip 16K Byte XRAM are disabled, external access performed.
The on-chip 16K Byte XRAM is enabled and can be accessed.
XPERCONEN3
0
1
XPORT9, XTIMER, XPORT10, XADCMUX Enable Bit
Accesses to the XPORT9, XTIMER, XPORT10, XADCMUX peripherals are disabled, external
access performed.
The on-chip XPORT9, XTIMER, XPORT10, XADCMUX peripherals are enabled and can be
accessed.
XPWMEN
0
1
XPWM Enable Bit
Accesses to the on-chip XPWM are disabled, external access performed. Address range
00’EC00h-00’ECFFh is only directed to external memory if CAN1EN and CAN2EN are ‘0’ also
The on-chip XPWM is enabled and can be accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com