Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 90Page - STMicroelectronics ST10F280 Datasheet HTML 91Page - STMicroelectronics ST10F280 Datasheet HTML 92Page - STMicroelectronics ST10F280 Datasheet HTML 93Page - STMicroelectronics ST10F280 Datasheet HTML 94Page - STMicroelectronics ST10F280 Datasheet HTML 95Page - STMicroelectronics ST10F280 Datasheet HTML 96Page - STMicroelectronics ST10F280 Datasheet HTML 97Page - STMicroelectronics ST10F280 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 186 page
background image
ST10F280
94/186
ODP6 (F1CEh / E7h)
ESFR
Reset Value: - - 00h
12.8.1 - Alternate Functions of Port 6
A programmable number of chip select signals (CS4...CS0) derived from the bus control registers
(BUSCON4...BUSCON0) can be output on the 5 pins of Port 6. The number of chip select signals is
selected via PORT0 during reset. The selected value can be read from bitfield CSSEL in register RP0H
(read only) e.g. in order to check the configuration during run time. The table below summarizes the alter-
nate functions of Port 6 depending on the number of selected chip select lines (coded via bitfield CSSEL).
Figure 44 : Port 6 I/O and Alternate Functions
Bit
Function
DP6.y
Port direction register DP6 bit y
DP6.y = 0: Port line P6.y is an input (high-impedance)
DP6.y = 1: Port line P6.y is an output
15
14
13
12
11
10
9
8
7654321
0
--------
ODP6.7ODP6.6ODP6.5 ODP6.4 ODP6.3 ODP6.2 ODP6.1 ODP6.0
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
ODP6.y
Port 6 Open Drain control register bit y
ODP6.y = 0: Port line P6.y output driver in push/pull mode
ODP6.y = 1: Port line P6.y output driver in open drain mode
Table 18 : Port 6 Alternate Functions
Port 6 Pin
Altern. Function
CSSEL = 10
Altern. Function
CSSEL = 01
Altern. Function
CSSEL = 00
Altern. Function
CSSEL = 11
P6.0
P6.1
P6.2
P6.3
P6.4
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
General purpose I/O
Chip select CS0
Chip select CS1
Gen. purpose I/O
Gen. purpose I/O
Gen. purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
Gen. purpose I/O
Gen. purpose I/O
Chip select CS0
Chip select CS1
Chip select CS2
Chip select CS3
Chip select CS4
P6.5
P6.6
P6.7
HOLD External hold request input
HLDA Hold acknowledge output
BREQ Bus request output
Port 6
Alternate Function
a)
General Purpose Input/Output
P6.7
P6.6
P6.5
P6.4
P6.3
P6.2
P6.1
P6.0
BREQ
HLDA
HOLD
CS4
CS3
CS2
CS1
CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com