Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 8Page - STMicroelectronics ST10F280 Datasheet HTML 9Page - STMicroelectronics ST10F280 Datasheet HTML 10Page - STMicroelectronics ST10F280 Datasheet HTML 11Page - STMicroelectronics ST10F280 Datasheet HTML 12Page - STMicroelectronics ST10F280 Datasheet HTML 13Page - STMicroelectronics ST10F280 Datasheet HTML 14Page - STMicroelectronics ST10F280 Datasheet HTML 15Page - STMicroelectronics ST10F280 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 186 page
background image
ST10F280
12/186
RD
J14
O
External Memory Read Strobe. RD is activated for every external instruction or
data read access.
WR/WRL
J15
O
External Memory Write Strobe. In WR-mode this pin is activated for every
external data write access. In WRL-mode this pin is activated for low byte data
write accesses on a 16-bit bus, and for every data write access on an 8-bit bus.
See WRCFG in register SYSCON for mode selection.
READY/
READY
J16
I
Ready Input. The active level is programmable. When the Ready function is
enabled, the selected inactive level at this pin during an external memory access
will force the insertion of memory cycle time waitstates until the pin returns to the
selected active level.
ALE
J17
O
Address Latch Enable Output. Can be used for latching the address into external
memory or an address latch in the multiplexed bus modes.
EA
H17
I
External Access Enable pin. A low level at this pin during and after Reset forces
the ST10F280 to begin instruction execution out of external memory. A high level
forces execution out of the internal Flash Memory.
PORT0:
P0L.0 - P0L.7,
P0H.0 - P0H.7
I/O
PORT0 consists of the two 8-bit bidirectional I/O ports P0L and P0H. It is bit-wise
programmable for input or output via direction bits. For a pin configured as input,
the output driver is put into high-impedance state.
In case of an external bus configuration, PORT0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the data (D) bus in
demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 - D7
D0 - D7
P0H.0 – P0H.7:
I/O
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 - AD7
AD0 - AD7
P0H.0 – P0H.7:
A8 - A15
AD8 - AD15
H16
I/O
P0L.0
H15
I/O
P0L.1
H14
I/O
P0L.2
G16
I/O
P0L.3
G15
I/O
P0L.4
G14
I/O
P0L.5
F16
I/O
P0L.6
E17
I/O
P0L.7
F15
I/O
P0H.0
E16
I/O
P0H.1
F14
I/O
P0H.2
D17
I/O
P0H.3
E15
I/O
P0H.4
D16
I/O
P0H.5
C17
I/O
P0H.6
E14
I/O
P0H.7
Table 1 : Ball Description (continued)
Symbol
Ball
Number
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com