Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 63Page - STMicroelectronics ST10F280 Datasheet HTML 64Page - STMicroelectronics ST10F280 Datasheet HTML 65Page - STMicroelectronics ST10F280 Datasheet HTML 66Page - STMicroelectronics ST10F280 Datasheet HTML 67Page - STMicroelectronics ST10F280 Datasheet HTML 68Page - STMicroelectronics ST10F280 Datasheet HTML 69Page - STMicroelectronics ST10F280 Datasheet HTML 70Page - STMicroelectronics ST10F280 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 186 page
background image
ST10F280
67/186
XPWM Control Registers
Register XPWMCON0 controls the function of the timers of the four XPWM channels and the channel
specific interrupts. Having the control bits organized in functional groups allows e.g. to start or stop all 4
XPWM timers simultaneously with one bitfield instruction. Note: This register is not bit-addressable.
XPWMCON0 (EC00h)
Reset Value: 0000h
Register XPWMCON1 controls the operating modes and the outputs of the four XPWM channels. The
basic operating mode for each channel (standard=edge aligned, or symmetrical=center aligned PWM
mode) is selected by the mode bits XPMx. Burst mode (channels 0 and 1) and single shot mode (channel
2 or 3) are selected by separate control bits. The output signal of each XPWM channel is individually
enabled by bit PENx. If the output is not enabled the respective pin can only be used to generate an inter-
rupt request. Note: This register is not bit-addressable.
XPWMCON1 (EC02h)
Reset Value: 0000h
15
14
13
12
11
10
9876543210
PIR3
PIR2
PIR1
PIR0
PIE3
PIE2
PIE1
PIE0
PTI3
PTI2
PTI1
PTI0
PTR3 PTR2 PTR1 PTR0
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PTRx
0
1
XPWM Timer x Run Control Bit
Timer XPTx is disconnected from its input clock
Timer XPTx is running
PTIx
0
1
XPWM Timer x Input Clock Selection
Timer XPTx clocked with CLKCPU
TimerX PTx clocked with CLKCPU / 64
PIEx
0
1
XPWM Channel x Interrupt Enable Flag
Interrupt from channel x disabled
Interrupt from channel x enabled
PIRx
0
1
XPWM Channel x Interrupt Request Flag
No interrupt request from channel x
Channel x interrupt pending (must be reset via software)
15
14
13
12
11
10
9876543210
PS3
PS2
-
PB01
----
PM3
PM2
PM1
PM0
PEN3
PEN2
PEN1
PEN0
RW
RW
-
RW
----
RW
RW
RW
RW
RW
RW
RW
RW
Bit
Function
PENx
0
1
XPWM Channel x Output Enable Bit
Channel x output signal disabled, generate interrupt only
Channel x output signal enabled
PMx
0
1
XPWM Channel x Mode Control Bit
Channel x operates in mode 0, edge aligned PWM
Channel x operates in mode 1, center aligned PWM
PB01
0
1
XPWM Channel 0/1 Burst Mode Control Bit
Channels 0 and 1 work independently in respective standard mode
Outputs of channels 0 and 1 are ANDed to XPWM0 in burst mode
PSx
0
1
XPWM Channel x Single Shot Mode Control Bit
Channel x works in respective standard mode
Channel x operates in single shot mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com