Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST10F280
Description  16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST10F280 Datasheet HTML 105Page - STMicroelectronics ST10F280 Datasheet HTML 106Page - STMicroelectronics ST10F280 Datasheet HTML 107Page - STMicroelectronics ST10F280 Datasheet HTML 108Page - STMicroelectronics ST10F280 Datasheet HTML 109Page - STMicroelectronics ST10F280 Datasheet HTML 110Page - STMicroelectronics ST10F280 Datasheet HTML 111Page - STMicroelectronics ST10F280 Datasheet HTML 112Page - STMicroelectronics ST10F280 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 186 page
background image
ST10F280
109/186
13.3.2.2 - XTSVR :Timer Start Value Register
XTSVR (C002h)
Reset Value: 0000h
13.3.2.3 - XTEVR : Timer End Value Register
XTEVR (C004h)
Reset Value: 0000h
13.3.2.4 - XTCVR : Timer Current Value Register
XTCVR (C006h)
Reset Value: 0000h
13.3.2.5 - Registers Mapping
15
14
13
12
11
10
9876543210
TSVR
RW
Bit
Function
TSVR[15:0]
Timer Start Value
TSVR contains the data to be transferred to the TCVR ’Current Value’ register when :
1)
- TEN = ’1’ (TIM enable),
- TLE = ’1’ (TIM Load enable),
- TCVR = TEVR (count period finished),
- TCS = ’1’ (stop mode disabled).
2)
- first counting clock rising edge after the timer start (the timer starts on TEN rising edge).
15
14
13
12
11
10
9876543210
TEVR
RW
Bit
Function
TEVR[15:0]
Timer End Value
TEVR contains the data to be compared to the TCVR ’Current Value’ register.
15
14
13
12
11
10
9876543210
TCVR
R
Bit
Function
TCVR[15:0]
Timer Current Value
TCVR contains the current counting value. When TCVR = TEVR, TCVR content is changed
according to Table 22. The TCVR clock is derived from internal XCLK clock according to TFP bits
when TCM = ’0’.
Table 23 : Timer Registers Mapping
Address (Hexa)
Register Name
Reset Value (Hexa)
Access
C000h
XTCR : Control
0000h
RW
C002h
XTSVR : Start Value
0000h
RW
C004h
XTEVR : End Value
0000h
RW
C006h
XTCVR : Current Value
0000h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com