Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 9 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 9 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Internal Temperature Compensated Self Refresh (TCSR)
Note :
1. In order to save power consumption, Low Power DDR SDRAM includes the internal temperature sensor and control units to control
the self refresh cycle automatically according to the four temperature range ; Max. 15
, Max. 45
,
Max. 70
,
Max. 85
.
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
Partial Array Self Refresh (PASR)
Note :
1. In order to save power consumption, Mobile DDR SDRAM includes PASR option.
2. Low Power DDR SDRAM supports three kinds of PASR in self refresh mode; Four banks, Two banks, One bank.
Temperature Range
Self Refresh Current (Icc6)
Unit
Full Array
1/2 Array
1/4 Array
Max. 15
210
160
130
Max. 45
220
170
135
Max. 70
230
180
140
Max. 85
250
190
150
BA1=0
BA0=0 BA0=1
BA1=0
BA1=0 BA1=0
BA0=0
BA1=1
BA1=1
BA0=0 BA0=1
- Four Bank
- Two Bank (Bank0,1)
- One Bank (Bank0)
Partial Self Refresh Area
BA1=1
BA1=1
BA1=0 BA1=0
BA0=0
BA0=1
BA1=1
BA0=1
BA0=0
BA0=0 BA0=1
BA1=1
BA0=1
Figure.3 EMRS code and TCSR, PASR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com