Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 20 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 20 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 20Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 21Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 22Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 23Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 24Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
20
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Read with Auto Precharge
If a read with auto-precharge command is issued, the DDR SDRAM automatically enters the precharge operation BL/2 clock later
from a read with auto-precharge command when tRAS(min) is satisfied. If not, the start point of precharge operation will be delayed
until tRAS(min) is satisfied. Once the precharge operation has started, the bank cannot be reactivated and the new command can not
be asserted until the precharge time(tRP) has been satisfied.
*NOTE :
1. The row active command of the precharge bank can be issued after tRP from this point.
The new read/write command of other activated bank can be issued from this point.
At burst read/write with auto precharge, CAS interrupt of the same bank is illegal.
0
1
2
3
4
5
6
7
8
9
10
11
CK
CK
NOP
READ A
NOP
NOP
DQS
DQs
Figure.14 Read with auto precharge timing
NOP
BANK A
NOP
NOP
NOP
NOP
NOP
NOP
ACTIVE
Auto Precharge
Dout 0 Dout 1 Dout 2 Dout 3
tRP
*Bank can be reactivated at
completion of tRP
Auto-Precharge starts*1
tRAS(min)
CAS Latency=3
< Burst Length=4, CAS Latency=3 >
Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com