Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 6 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 6 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Mode Register Definition
Mode Register Set (MRS)
The mode register is designed to support the various operating modes of DDR SDRAM. It includes CAS latency, addressing mode,
burst length, test mode and vendor specific options to make DDR SDRAM useful for variety of applications. The default value of the
mode register is not defined, therefore the mode register must be written in the power up sequence of DDR SDRAM. The mode reg-
ister is written by asserting low on CS, RAS, CAS and WE(The DDR SDRAM should be in active mode with CKE already high prior to
writing into the mode register). The state of address pins A0~A10 and BA0, BA1 in the same cycle as CS, RAS, CAS and WE going
low is written in the mode register. Two clock cycles are required to complete the write operation in the mode register. Even if the
power-up sequence is finished and some read or write operations is executed afterward, the mode register contents can be changed
with the same command and four clock cycles. This command must be issued only when all banks are in the idle state. If mode reg-
ister is changed, extended mode register automatically is reset and come into default state. So extended mode register must be set
again. The mode register is divided into various fields depending on funtionality. The burst length uses A0 ~ A2, addressing mode
uses A3, CAS latency(read latency from column address) uses A4 ~ A6. A7 ~ A10 are used for test mode. BA0 and BA1 must be set
to low for normal DDR SDRAM operation.
BA1
BA0
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
0
0
0
0
0
CAS Latency
BT
Burst Length
A6
A5
A4
CAS Latency
0
0
0
Reserve
0
0
1
Reserve
0
1
0
2
0
1
1
3
1
0
0
Reserve
1
0
1
Reserve
1
1
0
Reserve
1
1
1
Reserve
A3
Burst Type
0
Sequential
1
Interleave
Burst Length
A2
A1
A0
Burst Type
Sequential
Interleave
0
0
0
Reserve
Reserve
0
0
1
2
2
0
1
0
4
4
0
1
1
8
8
1
0
0
16
16
1
0
1
Reserve
Reserve
1
1
0
Reserve
Reserve
1
1
1
Reserve
Reserve
Figure.2 Mode Register Set
Address Bus
Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com