Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 12 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 12 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Essential Functionality for DDR SDRAM
The essential functionality that is required for the DDR SDRAM device is described in this chapter
Burst Read Operation
Burst Read operation in DDR SDRAM is in the same manner as the SDRAM such that the burst read command is issued by asserting
CS and CAS low while holding RAS and WE high at the rising edge of the clock(CK) after tRCD from the bank activation. The address
inputs (A0~A9) determine the starting address for the Burst. The Mode Register sets type of burst(Sequential or interleave) and burst
length(2, 4, 8, 16). The first output data is available after the CAS Latency from the READ command, and the consecutive data are
presented on the falling and rising edge of Data Strobe(DQS) adopted by DDR SDRAM until the burst length is completed.
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
READ A
tAC
tRPRE
Preambel
Postamble
Dout 0 Dout 1 Dout 2 Dout 3
CAS Latency=3
DQS
DQs
Figure.5 Burst read operation timing
< Burst Length=4, CAS Latency=3 >
tRPST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com