Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 15 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 15 Page - Emerging Memory & Logic Solutions Inc

Back Button RMLD232UAW Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 12Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 13Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 14Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 15Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 16Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 17Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 18Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 19Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Read Interrupted by a Precharge
A Burst Read operation can be interrupted by precharge of the same bank. The minimum 1 clock is required for the read to precharge
intervals. A precharge command to output disable latency is equivalent to the CAS latency.
when a burst Read command is issued to a DDR SDRAM, a precharge command may be issued to the same bank before the Read
burst is complete. The following functionality determines when a Precharge command may be given during a Read burst and when a
new Bank Activate command may be issued to the same bank.
1. For the earliest possible Precharge command without interrupting a Read burst, the Precharge command may be given on the
rising clock edge which is CL clock cycles before the end of the Read burst where CL is the CAS Latency. A new Bank Activate
command may be issued to the same bank after tRP (RAS Precharge time).
2. when a Precharge command interrupts a Read burst operation, the precharge command may be given on the rising clock edge
which is CL clock cycles before the last data from the interrupted Read burst where CL is the CAS Latency. Once the last data
word has been output, the output buffers are tristated, A new Bank Activate command may be issued to the same bank after tRP.
3. For a Read with autoprecharge command, a new Bank Activate command may be issued to the same bank after tRP where tRP
begins on the rising clock edge which is CL clock cycles before the end of the Read burst where CL is the CAS Latency. During
Read with autoprecharge, the initiation of the internal precharge occurs at the same time as the earliest possible external
Precharge command would initiate a precharge operation without interrupting the Read burst as described in 1 above.
4. For all cases above, tRP is an analog delay that needs to be converted into clock cycles. The number of clock cycles between a
Precharge command and a new Bank Activate command to the same bank equals tRP/tCK(where tCK is the clock cycle time)
with the result rounded up to the nearest integer number of clock cycles. (Note that rounding to x .5 is not possible since the
Precharge and Bank Activate commands can only be given on a rising clock edge). In all cases, a Precharge operation cannot
be initiated unless tRAS(min) [minimum Bank Activate to Precharge time] has been satisfied. This includes Read with
autoprecharge commands where tRAS(min) must still be satisfied such that a Read with autoprecharge command has the same
timing as a Read command followed by the earliest possible Precharge command which does not interrupt the burst.
0
1
2
3
4
5
6
7
8
CK
CK
Command
NOP
NOP
NOP
Precharge
NOP
NOP
DQS
DQs
Figure.9 Read interrupted by a precharge timing
< Burst Length=8, CAS Latency=3 >
READ
tAC
Dout 0 Dout 1
tRPRE
CAS Latency=3
NOP
Dout 2 Dout 3 Dout 4 Dout 5 Dout 6 Dout 7
Interrupted by precharge
1tCK
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com