Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMLD232UAW Datasheet(PDF) 3 Page - Emerging Memory & Logic Solutions Inc

Part # RMLD232UAW
Description  2M x 32 bit Low Power DDR SDRAM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

RMLD232UAW Datasheet(HTML) 3 Page - Emerging Memory & Logic Solutions Inc

  RMLD232UAW Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc RMLD232UAW Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
3
Rev 0.7
64Mb Low Power DDR SDRAM
Advanced
Input/Output Function Description
SYMBOL
TYPE
DESCRIPTION
CK, CK
Input
Clock : CK and CK are differential clock inputs. All address and control input signals are sam-
pled on the crossing of the positive edge of CK and negative edge of CK. Internal clock signals
are derived from CK/CK.
CKE
Input
Clock Enable : CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers. Taking CKE LOW provides PRECHARGE POWER-
DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER-DOWN (row
ACTIVE in any bank). CKE is synchronous for all funtions except for disabling outputs, which
is achieved asynchronously. Input buffers, excluding CK, CK and CKE , are disabled during
power-down and self refresh mode which are contrived for low standby power consumption.
CS
Input
Chip Select : CS enables(registered LOW) and disables(registered HIGH) the command
decoder. All commands are masked when CS is registered HIGH. CS provides for external
bank selection on systems with multiple banks. CS is considered part of the command code.
RAS, CAS, WE
Input
Command Inputs : RAS, CAS and WE (along with CS) define the command being entered.
*1DM0, DM1
DM2, DM3
Input
Input Data Mask : DM is an input mask signal for write data. Input data is masked when DM is
sampled HIGH along with that input data during a WRITE access. DM is sampled on both
edges of DQS. DM pins include dummy loading internally, to matches the DQ and DQS load-
ing. For the x32, DM0 corresponds to the data on DQ0-DQ7 ; DM1 corresponds to the data on
DQ8-DQ15 ;DM2 corresponds to the data on DQ16-DQ23 ; DM3 corresponds to the data on
DQ24-DQ31 .
BA0,BA1
Input
Bank Address Inputs : BA0 and BA1 define to which bank an ACTIVE, READ, WRITE or PRE-
CHARGE command is being applied.
A [n : 0]
Input
Address Inputs : Provide the row address for ACTIVE commands, and the column address
and AUTO PRECHARGE bit for READ/WRITE commands, to select one location out of the
memory array in the respective bank. A10 sampled during a PRECHARGE command deter-
mines wherther the PRECHARGE applies to one bank (A10 LOW) or all banks (A10 HIGH). If
only one bank is to be precharged, the bank is selected by BA0,BA1. The address inputs also
provide the op-code during a MODE REGISTER SET command. BA0 and BA1 determines
which mode register( mode register or extended mode register ) is loaded during the MODE
REGISTER SET command.
*1DQ
I/O
Data Input/Output : Data bus
*1DQS0, DQS1
DQS2, DQS3
I/O
Data Strobe : Output with read data, input with write data. Edge-aligned with read data, cen-
tered in write data. It is used to fetch write data. For the x32, DQS0 corresponds to the data on
DQ0-DQ7 ; DQS1 corresponds to the data on DQ8-DQ15 ;DQS2 corresponds to the data on
DQ16-DQ23 ; DQS3 corresponds to the data on DQ24-DQ31.
NC
-
No Connect : No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply : 1.7V to 1.95V.
VSSQ
Supply
DQ Ground.
VDD
Supply
Power Supply : 1.7V to 1.95V.
VSS
Supply
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com